Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI-7502 Datasheet(PDF) 4 Page - Sanken electric

Part # SI-7502
Description  5-Phase Stepper Motor Driver ICs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-7502 Datasheet(HTML) 4 Page - Sanken electric

  SI-7502 Datasheet HTML 1Page - Sanken electric SI-7502 Datasheet HTML 2Page - Sanken electric SI-7502 Datasheet HTML 3Page - Sanken electric SI-7502 Datasheet HTML 4Page - Sanken electric SI-7502 Datasheet HTML 5Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
107
SI-7502 (SLA5011/SLA6503)
SI-7502 (SLA5011/SLA6503)
5-Phase Stepper Motor Driver ICs (Pentagon Connection)
Fig. A
Waveform of output current
IOH
O
IOH(max)=
0.212
×Vb−0.01
Rs
IOH(min)=
0.169
×Vb−0.03
Rs
IOH(max) (Vb=5V)
IOH(min)
(Vb=5V)
12
34
5
(
Ω)
(A)
3
2
1
0.5
0.2
Sense resistor Rs
VRSH (max)=
7.2
×RX
152.6+33.8
×RX
×Vb−0.01
VRSH (min)=
6.1
×RX
152.6+33.8
×RX
×Vb−0.03
V
RSH
(max)
(V
b=5V)
V
R
SH
(m
in
) (V
b=5V)
0.5
1
2
5
10
(K
Ω)
Variable current resistor Rx
20
0.2
1.0
0.8
0.6
0.4
(V)
IOM
IOM
IOM
IOM
2
×IOM
2
×IOM
VCC
4
×IOM
to SI-7502
Sense resistor Rs
Fig. B Output current vs. Current sense resistor
Fig. C Sense voltage vs. Variable current resistor
Fig. D Coil current flow at pentagonal driving
sDetermining the Output Current IO
(Control Current)
The main factors that determine the output current are current
sense resistor RS, supply voltage Vb, and variable current resis-
tor RX.
(1) Normal mode
To operate a motor at the maximum current level, set RX to
infinity (open).
From Fig. A, when the maximum current ripple is designated
as IOH, its value will be,
VRSH can be calculated as follows:
VRSH=0.19
×Vb−0.03 (center value)
From equations (1) and (2), the output current IOH can be
calculated as follows:
The relationship between IOH and RS is shown in Fig. B.
(2) Power down mode
When an external resistor RX is connected, VRSH changes as
shown in Fig. C even when RS is retained. Obtain a power
down output current IOHPD from Fig. C and equation (1).
sRelation between Output Current IO (Control
Current) and Motor Winding Current IOM
The SI-7502 uses the total current control system; therefore,
the output current IO is different from the motor winding current.
In a general pentagonal driving system, the current flows as
shown in Figure D. The relation between IO and IOM is as follows:
IO=4
×IOM
With some driving systems, the relation can also be as follows:
IO=2
×IOM
VRSH
RS
Application Notes
............................... (2)
IOH=
...................................................................... (1)
IOH=
(0.19
×Vb×-0.03)
1
RS


Similar Part No. - SI-7502

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-7500 SANKEN-SI-7500 Datasheet
52Kb / 4P
   5-phase Stepper Motor Star Connection Unipolar Driver IC
SI-7500A SANKEN-SI-7500A Datasheet
52Kb / 4P
   5-phase Stepper Motor Star Connection Unipolar Driver IC
More results

Similar Description - SI-7502

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-7600 SANKEN-SI-7600 Datasheet
41Kb / 5P
   3-Phase Stepper Motor Driver ICs
SDK03M SANKEN-SDK03M Datasheet
61Kb / 6P
   2-Phase Stepper Motor Unipolar Driver ICs
SMA7029M SANKEN-SMA7029M Datasheet
69Kb / 2P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7027MU SANKEN-SLA7027MU Datasheet
74Kb / 7P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7042M SANKEN-SLA7042M Datasheet
47Kb / 4P
   2-Phase Stepper Motor Unipolar Driver ICs
logo
Shindengen Electric Mfg...
MTD1361F SHINDENGEN-MTD1361F Datasheet
92Kb / 4P
   Stepper Motor Driver ICs
logo
Sanken electric
SLA7022MU SANKEN-SLA7022MU Datasheet
77Kb / 7P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7032M SANKEN-SLA7032M Datasheet
71Kb / 8P
   2-Phase Stepper Motor Unipolar Driver ICs
SPF7211 SANKEN-SPF7211 Datasheet
44Kb / 2P
   2-ph Stepper-motor Driver ICs
logo
Mitsubishi Electric Sem...
M54679FP MITSUBISHI-M54679FP Datasheet
191Kb / 9P
   2-PHASE STEPPER MOTOR DRIVER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com