Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI-8203L Datasheet(PDF) 1 Page - Sanken electric

Part # SI-8203L
Description  Switching Type(Self Oscillation Type with Coil)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-8203L Datasheet(HTML) 1 Page - Sanken electric

  SI-8203L Datasheet HTML 1Page - Sanken electric SI-8203L Datasheet HTML 2Page - Sanken electric SI-8203L Datasheet HTML 3Page - Sanken electric SI-8203L Datasheet HTML 4Page - Sanken electric SI-8203L Datasheet HTML 5Page - Sanken electric SI-8203L Datasheet HTML 6Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
27
Ratings
Parameter
Symbol
8200L Series
8300L Series
Unit
SI-8201L SL-8202L SI-8203L SI-8204L SI-8221L SI-8211L SI-8213L SI-8301L SI-8303L
DC Input Voltage Range
VIN
10 to 40 11 to 40 16 to 40 10 to 40 8 to 35 15 to 55 22 to 55 8 to 40 8.5 to 40
V
Output Current Range
IO
0 to 0.4
0 to 0.35
0 to 0.4
0 to 0.3 0 to 0.28
0 to 1
A
Operating Temperature Range
Top
–10 to +65
–20 to +85
°C
SI-8200L/8300L Series
Features
q Integrated switching IC and coil construction
q Requires 2 external components only
q Low switching noise
q Heatsink not required
Applications
q For power supplies in telephone sets
q For power supplies in office equipment
External View
s Absolute Maximum Ratings
s Lineup
8200L Series
8200L Series (high-VIN type)
8300L Series
Type No.
VO
IO
Type No.
VO
IO
Type No.
VO
IO
SI-8201L
5V
0.4A
SI-8211L
5V
0.3A
SI-8301L
5V
1A
SI-8202L
6V
0.35A
SI-8213L
12V
0.28A
SI-8303L
5.4V
1A
SI-8203L
12V
0.35A
SI-8204L
5.2V
0.4A
SI-8221L
5V
0.4A
Ratings
Parameter
Symbol
8200L Series
8300L Series
Unit
SI-8201L SL-8202L SI-8203L SI-8204L SI-8221L SI-8211L SI-8213L SI-8301L SI-8303L
DC Input Voltage
VIN
45
40
60
45
V
Storage Temperature
Tstg
–25 to +85
°C
s Recommended Operating Conditions
Switching Type
Self Oscillation Type with Coil


Similar Part No. - SI-8203L

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-8203L SANKEN-SI-8203L Datasheet
68Kb / 4P
   Self Oscillating Switching Type with Coil
More results

Similar Description - SI-8203L

ManufacturerPart #DatasheetDescription
logo
Sanken electric
STR20000 SANKEN-STR20000 Datasheet
32Kb / 2P
   Switching Type(Chopper Self Oscillation Type)
STR2000 SANKEN-STR2000 Datasheet
40Kb / 3P
   Switching Type(Chopper * Self Oscillation Type)
SI-8200L SANKEN-SI-8200L Datasheet
68Kb / 4P
   Self Oscillating Switching Type with Coil
SI-8400L SANKEN-SI-8400L Datasheet
77Kb / 6P
   Separate Excitation Switching Type with Coil
logo
Inchange Semiconductor ...
STK730-010 ISC-STK730-010 Datasheet
130Kb / 3P
   Self-excitation Type Semi-Regulated Switching Regulator
STK73902 ISC-STK73902 Datasheet
128Kb / 3P
   Self-excitation Type Feedback Control Switching Regulator
logo
Panasonic Semiconductor
2SC5580 PANASONIC-2SC5580 Datasheet
43Kb / 1P
   Silicon NPN epitaxial planer type(For high-frequency oscillation / switching)
logo
Sanyo Semicon Device
STK73903 SANYO-STK73903 Datasheet
120Kb / 6P
   Self-Excitation Type Feedback Control Switching Regulator (180W Output)
STK730-010 SANYO-STK730-010 Datasheet
126Kb / 6P
   Self-Excitation Type Semi-Regulated Switching Regulator (110W Output)
STK730-020 SANYO-STK730-020 Datasheet
127Kb / 6P
   Self-Excitation Type Semi-Regulated Switching Regulator (145W Output)?
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com