Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0753414464 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0753414464
Description  1.85mm by 1.85mm (.073 by .073) Pitch 4-Pair GbX짰 Backplane Connector System, Power Module, 12 Circuits, 1.27關m (50關) Gold (Au)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0753414464 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0753414464 Datasheet HTML 1Page - Molex Electronics Ltd. 0753414464 Datasheet HTML 2Page - Molex Electronics Ltd. 0753414464 Datasheet HTML 3Page - Molex Electronics Ltd. 0753414464 Datasheet HTML 4Page - Molex Electronics Ltd. 0753414464 Datasheet HTML 5Page - Molex Electronics Ltd. 0753414464 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Plating min: Termination (µin)
30
Plating min: Termination (µm)
0.75
Polarized to PCB
Yes
Stackable
No
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-55°C to +105°C
Termination Interface: Style
Through Hole - Compliant Pin
Electrical
Current - Maximum per Contact
6A
Data Rate
8.0 Gbps
Real Signals (per 25mm)
0
Shielded
No
Voltage - Maximum
120V AC (RMS)/DC
Material Info
Reference - Drawing Numbers
Product Specification
PS-75221-999
Sales Drawing
SD-75341-001
GbX is a registered trademark of Amphenol Corporation.
This document was generated on 05/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0753414464

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0753414466 MOLEX9-0753414466 Datasheet
315Kb / 6P
   1.85mm by 1.85mm (.073 by .073") Pitch 4-Pair GbX짰 Backplane Connector System, Power Module, 12 Circuits, 1.27關m (50關") Gold (Au)
0753414467 MOLEX9-0753414467 Datasheet
315Kb / 6P
   1.85mm by 1.85mm (.073 by .073) Pitch 4-Pair GbX짰 Backplane Connector System, Power Module, 12 Circuits, 1.27關m (50關) Gold (Au)
More results

Similar Description - 0753414464

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0753417466 MOLEX9-0753417466 Datasheet
315Kb / 6P
   1.85mm by 1.85mm (.073 by .073") Pitch 4-Pair GbX짰 Backplane Connector System, Power Module, 12 Circuits, 1.27關m (50關") Gold (Au)
0753417464 MOLEX9-0753417464 Datasheet
315Kb / 6P
   1.85mm by 1.85mm (.073 by .073) Pitch 4-Pair GbX짰 Backplane Connector System, Power Module, 12 Circuits, 1.27關m (50關) Gold (Au)
0753416647 MOLEX9-0753416647 Datasheet
315Kb / 6P
   1.85mm by 1.85mm (.073 by .073) Pitch 4-Pair GbX짰 Backplane Connector System, Power Module, 12 Circuits, 1.27關m (50關) Gold (Au)
0753416466 MOLEX9-0753416466 Datasheet
315Kb / 6P
   1.85mm by 1.85mm (.073 by .073) Pitch 4-Pair GbX짰 Backplane Connector System, Power Module, 12 Circuits, 1.27關m (50關) Gold (Au)
0753417447 MOLEX9-0753417447 Datasheet
315Kb / 6P
   1.85mm by 1.85mm (.073 by .073) Pitch 4-Pair GbX짰 Backplane Connector System, Power Module, 12 Circuits, 1.27關m (50關) Gold (Au)
0753417467 MOLEX9-0753417467 Datasheet
315Kb / 6P
   1.85mm by 1.85mm (.073 by .073) Pitch 4-Pair GbX짰 Backplane Connector System, Power Module, 12 Circuits, 1.27關m (50關) Gold (Au)
0753413333 MOLEX9-0753413333 Datasheet
317Kb / 6P
   1.85mm by 1.85mm (.073 by .073) Pitch 4-Pair GbX짰 Backplane Connector System, Power Module, 12 Circuits, 1.27關m (50關) Gold (Au)
0753414766 MOLEX9-0753414766 Datasheet
315Kb / 6P
   1.85mm by 1.85mm (.073 by .073) Pitch 4-Pair GbX짰 Backplane Connector System, Power Module, 12 Circuits, 1.27關m (50關) Gold (Au)
0753416646 MOLEX9-0753416646 Datasheet
315Kb / 6P
   1.85mm by 1.85mm (.073 by .073) Pitch 4-Pair GbX짰 Backplane Connector System, Power Module, 12 Circuits, 1.27關m (50關) Gold (Au)
0753414477 MOLEX9-0753414477 Datasheet
315Kb / 6P
   1.85mm by 1.85mm (.073 by .073) Pitch 4-Pair GbX짰 Backplane Connector System, Power Module, 12 Circuits, 1.27關m (50關) Gold (Au)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com