Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLA3002M Datasheet(PDF) 5 Page - Sanken electric

Part # SLA3002M
Description  3-Output Dropper/Switching Type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA3002M Datasheet(HTML) 5 Page - Sanken electric

  SLA3002M Datasheet HTML 1Page - Sanken electric SLA3002M Datasheet HTML 2Page - Sanken electric SLA3002M Datasheet HTML 3Page - Sanken electric SLA3002M Datasheet HTML 4Page - Sanken electric SLA3002M Datasheet HTML 5Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
118
sTypical Characteristics
Rise Characteristics
Line Regulation
Load Regulation
Overcurrent Protection Characteristics
ON/OFF Control Characteristics
Thermal Protection Characteristics
Rise Characteristics
Load Regulation
Efficiency Characteristics
SLA3001M (Regulator 2, VO=5V)
Overcurrent Protection Characteristics
SLA3002M/SLA3004M(Regulator 1, VO=5V)
7.0
6.0
5.0
4.0
3.0
2.0
1.0
0
0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
Input Voltage VIN (V)
0.5A
1.0A
5.10
5.05
5.00
4.95
4.90
4.85
4.80
0
6
8
10
12
141618
20
IO=0A
IO=1.0A
0.5A
Input Voltage VIN (V)
5.10
5.05
5.00
4.95
4.90
4.85
4.80
0
0.5
1.0
1.5
Output Current IO (A)
VIN=15V
=8V
VIN=6V
Output Current IO (A)
6.0
5.0
4.0
3.0
2.0
1.0
0
0
1.0
2.0
3.0
4.0
6
5
4
3
2
1
0
Output ON/OFF Control Voltage VC (V)
0
1.0
2.0
3.0
4.0
VIN=8V
VO=5V
IO =1A
ON
OFF
6.0
5.0
4.0
3.0
2.0
1.0
0
02468
10
Input Voltage VIN (V)
0.3A
5.3
5.2
5.1
5.0
4.9
4.8
4.7
VIN=7V
10V
0
0.1
0.2
0.3
0.4
0.5
Output Current IO (A)
33V
20V
100
90
80
70
60
50
40
0
0.1
0.2
0.3
Output Current IO (A)
0.4
0.5
V
IN
=7V
6.0
5.0
4.0
3.0
2.0
1.0
0
0
0.5
1.0
Output Current IO (A)
1.5
2.0
20V
(Ta=25
°C)
qSLA3001M/3002M/3004M
Note on Thermal Protection:
The thermal protection circuit is intended for pro-
tection against heat during instantaneous short-
circuiting. Its operation is not guaranteed for short-
circuiting over extended periods of time.
6
5
4
3
2
1
0
Case Temperature Tc (
°C)
20
60
100
140
180
VIN=8V
IO=10mA
VO=5V


Similar Part No. - SLA3002M

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SLA3002M ALLEGRO-SLA3002M Datasheet
171Kb / 10P
   LOW-VOLTAGE, HIGH-CURRENT 1.8 V LINEAR REGULATOR
More results

Similar Description - SLA3002M

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-3000P SANKEN-SI-3000P Datasheet
45Kb / 4P
   3-Terminal, Dropper Type
SI-3003S SANKEN-SI-3003S Datasheet
27Kb / 2P
   3-terminal Dropper Type Regulator
SI-3102S SANKEN-SI-3102S Datasheet
32Kb / 2P
   Dropper Type Dual Output Regulator
SI-3101S SANKEN-SI-3101S Datasheet
34Kb / 2P
   Dropper Type Dual Output Regulator
SI-3000V SANKEN-SI-3000V Datasheet
41Kb / 4P
   3-Terminal, Low Dropout Voltage Dropper Type
SI-3001S SANKEN-SI-3001S Datasheet
36Kb / 2P
   Dropper Type Regulator with Output On/Off Control
SI-3000N SANKEN-SI-3000N Datasheet
37Kb / 4P
   3-Terminal, Full-Mold, Low Dropout Voltage Dropper Type
SI-3001N SANKEN-SI-3001N Datasheet
39Kb / 4P
   3-Terminal, Full-Mold, Low Dropout Voltage Dropper Type
SLA3005M SANKEN-SLA3005M Datasheet
167Kb / 7P
   4-Output, Low Dropout Voltage Dropper Type for USB Hub
SI-3002N SANKEN-SI-3002N Datasheet
36Kb / 4P
   3-Terminal, Full-Mold, Low Dropout Voltage Dropper Type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com