Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0752372203 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0752372203
Description  1.85mm by 1.85mm (.073 by .073) Pitch 5-Pair GbX짰 Backplane Connector System, Left Guide Header, 250 Circuits, Gold (Au) 0.76關m (30關), Pin Length 3.55mm (.140)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0752372203 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0752372203 Datasheet HTML 1Page - Molex Electronics Ltd. 0752372203 Datasheet HTML 2Page - Molex Electronics Ltd. 0752372203 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Plating min: Termination (µm)
0.76
Polarized to PCB
No
Stackable
No
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
105°C
Termination Interface: Style
Through Hole - Compliant Pin
Electrical
Current - Maximum per Contact
1A
Data Rate
8.0 Gbps
Real Signals (per 25mm)
135
Shield Type
Ground Plane Shield
Shielded
Yes
Voltage - Maximum
120V AC (RMS)/DC
Material Info
Reference - Drawing Numbers
Product Specification
PS-75221-999
Sales Drawing
SD-75237-210
GbX is a registered trademark of Amphenol Corporation.
This document was generated on 05/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0752372203

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0752372204 MOLEX9-0752372204 Datasheet
283Kb / 3P
   1.85mm by 1.85mm (.073 by .073") Pitch 5-Pair GbX Backplane Connector System, Left Guide Header
0752372205 MOLEX9-0752372205 Datasheet
283Kb / 3P
   1.85mm by 1.85mm (.073 by .073) Pitch 5-Pair GbX짰 Backplane Connector System, Left Guide Header, 250 Circuits, Gold (Au) 0.76關m (30關), Pin Length 5.55mm (.219)
More results

Similar Description - 0752372203

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0752374203 MOLEX9-0752374203 Datasheet
289Kb / 3P
   1.85mm by 1.85mm (.073 by .073) Pitch 5-Pair GbX짰 Backplane Connector System, Right Guide Header, 250 Circuits, Gold (Au) 0.76關m (30關), Pin Length 3.55mm (.140)
0752370203 MOLEX9-0752370203 Datasheet
285Kb / 3P
   1.85mm by 1.85mm (.073 by .073) Pitch 5-Pair GbX짰 Backplane Connector System, Open Header, 250 Circuits, Gold (Au) 0.76關m (30關), Pin Length 3.55mm (.140)
0758272203 MOLEX9-0758272203 Datasheet
212Kb / 3P
   1.85mm by 1.85mm (.073 by .073) Pitch 2-Pair GbX짰 Backplane Connector System, Left Guide Header, 100 Circuits, Gold (Au) 0.76關m (30關), Pin Length 3.55mm (.140)
0758272103 MOLEX9-0758272103 Datasheet
212Kb / 3P
   1.85mm by 1.85mm (.073 by .073) Pitch 2-Pair GbX짰 Backplane Connector System, Left Guide Header, 40 Circuits, Gold (Au) 0.76關m (30關), Pin Length 3.55mm (.140)
0752374143 MOLEX9-0752374143 Datasheet
290Kb / 3P
   1.85mm by 1.85mm (.073 by .073) Pitch 5-Pair GbX짰 Backplane Connector System, Right Guide Header, 100 Circuits, Gold (Au) 0.76關m (30關), Pin Length 3.55mm (.140)
0752374153 MOLEX9-0752374153 Datasheet
290Kb / 3P
   1.85mm by 1.85mm (.073 by .073) Pitch 5-Pair GbX짰 Backplane Connector System, Right Guide Header, 100 Circuits, Gold (Au) 0.76關m (30關), Pin Length 3.55mm (.140)
0752374183 MOLEX9-0752374183 Datasheet
290Kb / 3P
   1.85mm by 1.85mm (.073 by .073) Pitch 5-Pair GbX짰 Backplane Connector System, Right Guide Header, 100 Circuits, Gold (Au) 0.76關m (30關), Pin Length 3.55mm (.140)
0752374163 MOLEX9-0752374163 Datasheet
290Kb / 3P
   1.85mm by 1.85mm (.073 by .073) Pitch 5-Pair GbX짰 Backplane Connector System, Right Guide Header, 100 Circuits, Gold (Au) 0.76關m (30關), Pin Length 3.55mm (.140)
0752374133 MOLEX9-0752374133 Datasheet
290Kb / 3P
   1.85mm by 1.85mm (.073 by .073) Pitch 5-Pair GbX짰 Backplane Connector System, Right Guide Header, 100 Circuits, Gold (Au) 0.76關m (30關), Pin Length 3.55mm (.140)
0752374123 MOLEX9-0752374123 Datasheet
290Kb / 3P
   1.85mm by 1.85mm (.073 by .073) Pitch 5-Pair GbX짰 Backplane Connector System, Right Guide Header, 100 Circuits, Gold (Au) 0.76關m (30關), Pin Length 3.55mm (.140)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com