Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLA4071 Datasheet(PDF) 1 Page - Sanken electric

Part # SLA4071
Description  PNP Darlington With built-in flywheel diode
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA4071 Datasheet(HTML) 1 Page - Sanken electric

  SLA4071 Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
25
Characteristic curves
IC-VCE Characteristics (Typical)
hFE-IC Characteristics (Typical)
hFE-IC Temperature Characteristics (Typical)
VCE(sat)-IC Temperature Characteristics (Typical)
VCE(sat)-IB Characteristics (Typical)
IC-VBE Temperature Characteristics (Typical)
θj-a-PW Characteristics
PT-Ta Characteristics
Safe Operating Area (SOA)
SLA4071
(Ta=25
°C)
Symbol
Unit
Conditions
ICBO
–10
µAVCB=–100V
IEBO
–10
mA
VEB=–6V
VCEO
–100
V
IC=–10mA
hFE
2000
5000
15000
VCE=–2V, IC=–3A
VCE(sat)
–1.0
–1.5
V
VBE(sat)
–1.6
–2.0
V
sEquivalent circuit diagram
IC=–3A, IB=–6mA
(Ta=25
°C)
Symbol
Unit
Conditions
VR
120
V
IR=10
µA
VF
1.2
V
IF=1A
IR
10
µAVR=120V
trr
100
ns
IF=
±100mA
23
4
R1 R2
5
6
1
910
11
12
7
8
R1: 3k
Ω typ R2: 100Ω typ
–8
–6
0
–5
–4
–3
–2
–7
–1
0
–1
–2
–3
–4
–5
–2m
A
–1.2mA
–0.8mA
–0.6mA
–0.4mA
VCE (V)
10000
5000
1000
500
100
–0.03
50
–0.5
–1
–5
–8
–0.1
typ
IC (A)
(VCE=–4V)
10000
5000
1000
500
100
–0.03
IC (A)
50
–0.5
–1
–5
–8
–0.1
25
°C
–30
°C
T
a=
12
C
75
°C
(VCE=–4V)
Ta=–30
°C
25
°C
75
°C
125
°C
–3
–0.3
–2
–1
0
–0.5
–1
–5
8
IC (A)
(IC / IB=1000)
IC=–5A
IC=–3A
IC=1A
–3
IB (mA)
–0.3 –0.5
–1
–5
–10
–50 –100 –200
–2
–1
0
–8
–6
–4
–2
0
VBE (V)
0
–1
–2
–3
(VCE=–4V)
20
10
5
1
0.5
1
5
10
50 100
500 1000
PW (mS)
25
20
15
10
5
0
–40
0
50
100
150
Ta (
°C)
With Silicone Grease
Natural Cooling
Heatsink: Aluminum
in mm
Without Heatsink
100
×
100
×
2
50
×50×
2
–10
–5
–1
–0.5
–0.1
VCE (V)
–0.03
–0.05
Single Pulse
Without Heatsink
Ta=25
°C
–3
–5
–10
–50
–100
PNP Darlington
With built-in flywheel diode
Absolute maximum ratings
Electrical characteristics
PT
W
Specification
min
typ
max
qDiode for flyback voltage absorption
Specification
min
typ
max
External dimensions
A • • • SLA (12-pin)
(Ta=25
°C)
Symbol
Ratings
Unit
VCBO
–100
V
VCEO
–100
V
VEBO
–6V
IC
–5A
ICP
–8 (PW
≤1ms, Du≤50%)A
IB
–0.5
A
IF
–5 (PW
≤0.5ms, Du≤25%)A
IFSM
–8 (PW
≤10ms, single)A
VR
120
V
5 (Ta=25
°C)
25 (Tc=25
°)
VISO
1000 (Between fin and lead pin, AC)Vrms
Tj
150
°C
Tstg
–40 to +150
°C
θ j-c
5
°C/W


Similar Part No. - SLA4071

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SLA4071 SANKEN-SLA4071 Datasheet
38Kb / 1P
   PNP Darlington With built-in flywheel diode
SLA4071 SANKEN-SLA4071 Datasheet
38Kb / 1P
   PNP Darlington With built-in flywheel diode
SLA4071 SANKEN-SLA4071_06 Datasheet
38Kb / 1P
   PNP Darlington With built-in flywheel diode
More results

Similar Description - SLA4071

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SLA4071 SANKEN-SLA4071 Datasheet
38Kb / 1P
   PNP Darlington With built-in flywheel diode
SMA4021 SANKEN-SMA4021 Datasheet
38Kb / 1P
   PNP Darlington With built-in flywheel diode
SMA4021 SANKEN-SMA4021 Datasheet
23Kb / 1P
   PNP Darlington With built-in flywheel diode
SLA4071 SANKEN-SLA4071_06 Datasheet
38Kb / 1P
   PNP Darlington With built-in flywheel diode
SMA4021 SANKEN-SMA4021_01 Datasheet
38Kb / 1P
   PNP Darlington With built-in flywheel diode
logo
List of Unclassifed Man...
SMA4036 ETC-SMA4036 Datasheet
37Kb / 1P
   NPN Darlington With built-in flywheel diode
logo
Sanken electric
SLA4041 SANKEN-SLA4041_06 Datasheet
38Kb / 1P
   NPN Darlington With built-in flywheel diode
SLA4041 SANKEN-SLA4041 Datasheet
38Kb / 1P
   NPN Darlington With built-in flywheel diode
SMA4032 SANKEN-SMA4032 Datasheet
23Kb / 1P
   NPN Darlington With built-in flywheel diode
SMA4032 SANKEN-SMA4032_01 Datasheet
38Kb / 1P
   NPN Darlington With built-in flywheel diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com