Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLA4391 Datasheet(PDF) 2 Page - Sanken electric

Part # SLA4391
Description  PNP NPN Darlington H-bridge
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA4391 Datasheet(HTML) 2 Page - Sanken electric

  SLA4391 Datasheet HTML 1Page - Sanken electric SLA4391 Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
33
Characteristic curves
NPN
PNP
NPN
PNP
NPN
PNP
VCE(sat)-IB Characteristics (Typical)
θj-a-PW Characteristics
VCE(sat)-IC Temperature Characteristics (Typical)
PT-Ta Characteristics
Safe Operating Area (SOA)
(Ta=25
°C)
Symbol
Unit
Conditions
VR
120
V
IR=10
µA
VF
1.2
V
IF=1A
IR
10
µAVR=100V
SLA4391
Specification
min
typ
max
(Ta=25
°C)
NPN
PNP
Symbol
Specification
Unit
Conditions
Specification
Unit
Conditions
min
typ
max
min
typ
max
ICBO
10
µAVCB=100V
–10
µAVCB=–100V
IEBO
10
mA
VEB=6V
–10
mA
VEB=–6V
VCEO
100
V
IC=10mA
–100
V
IC=–10mA
hFE
1000
VCE=4V, IC=3A
1000
VCE=–4V, IC=–3A
VCE(sat)
1.5
V
IC=3A, IB=6mA
–1.5
V
IC=–3A, IB=–6mA
3
0.2
0.5
2
1
0
1
5
10
50
IC=3A
IC=1A
IC=5A
IB (mA)
3
0.3
0.5
2
1
0
15
8
–30
°C
(IC / IB=1000)
IC (A)
25
°C
20
10
5
1
0.5
1
5
10
50 100
500 1000
PW (mS)
25
20
15
10
5
0
–40
0
50
100
150
Ta (
°C)
With Silicone Grease
Natural Cooling
Heatsink: Aluminum
in mm
Without Heatsink
100
×
100
×
2
50×
50×
2
10
5
5
1
0.5
0.1
0.05
0.03
100
50
10
3
Single Pulse
Without Heatsink
Ta=25
°C
VCE (V)
–3
–0.2
–0.5
–2
–1
0
–1
–5
–10
–50 –100
–500
IC=–3A
IC=–5A
IC=–1A
IB (mA)
–3
–0.3
–0.5
–2
–1
0
–1
–5
–8
125
°C
75
°C
25
°C
Ta=–30
°C
(IC / IB=1000)
IC (A)
–10
–5
–5
–1
–0.5
–0.1
–0.05
–0.03
–100
–50
–10
–3
Single Pulse
Without Heatsink
Ta=25
°C
VCE (V)
Electrical characteristics
qDiode for flyback voltage absorption


Similar Part No. - SLA4391

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SLA4390 SANKEN-SLA4390 Datasheet
30Kb / 2P
   PNP NPN Darlington H-bridge
SLA4390 SANKEN-SLA4390 Datasheet
45Kb / 2P
   PNP NPN Darlington H-bridge
SLA4390 SANKEN-SLA4390 Datasheet
45Kb / 2P
   PNP NPN Darlington H-bridge
SLA4390 SANKEN-SLA4390_06 Datasheet
45Kb / 2P
   PNP NPN Darlington H-bridge
More results

Similar Description - SLA4391

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SLA4390 SANKEN-SLA4390_06 Datasheet
45Kb / 2P
   PNP NPN Darlington H-bridge
STA474A SANKEN-STA474A Datasheet
37Kb / 2P
   PNP NPN Darlington H-bridge
STA457C SANKEN-STA457C_06 Datasheet
45Kb / 2P
   PNP NPN Darlington H-bridge
SLA4390 SANKEN-SLA4390 Datasheet
30Kb / 2P
   PNP NPN Darlington H-bridge
SDH03 SANKEN-SDH03 Datasheet
29Kb / 2P
   PNP NPN Darlington H-bridge
SLA4340 SANKEN-SLA4340 Datasheet
30Kb / 2P
   PNP NPN Darlington H-bridge
STA457C SANKEN-STA457C Datasheet
30Kb / 2P
   PNP NPN Darlington H-bridge
STA434A SANKEN-STA434A_06 Datasheet
45Kb / 2P
   PNP NPN Darlington H-bridge
STA434A SANKEN-STA434A Datasheet
45Kb / 2P
   PNP NPN Darlington H-bridge
STA457C SANKEN-STA457C Datasheet
45Kb / 2P
   PNP NPN Darlington H-bridge
SLA4390 SANKEN-SLA4390 Datasheet
45Kb / 2P
   PNP NPN Darlington H-bridge
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com