Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0751982501 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0751982501
Description  2.00mm (.079) Pitch 8-Row VHDM짰 Lite Backplane Header, Guide Pin Signal Module, Pin End Version, 200 Circuits, Pin Length 4.75mm (.187)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0751982501 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0751982501 Datasheet HTML 1Page - Molex Electronics Ltd. 0751982501 Datasheet HTML 2Page - Molex Electronics Ltd. 0751982501 Datasheet HTML 3Page - Molex Electronics Ltd. 0751982501 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Temperature Range - Operating
105°C
Termination Interface: Style
Through Hole - Compliant Pin
Electrical
Current - Maximum per Contact
3A
Data Rate
622.0 Mbps
Real Signals (per 25mm)
100
Shielded
No
Voltage - Maximum
120V AC (RMS)/DC
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-74061-003
Product Specification
PS-74031-999
Sales Drawing
SD-75198-001
VHDM and Very High Density Metric are trademarks of Amphenol Corporation
25 Wide, 50.00mm
(1.97")
This document was generated on 05/28/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0751982501

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0751982502 MOLEX9-0751982502 Datasheet
323Kb / 4P
   2.00mm (.079") Pitch 8-Row VHDM짰 Lite Backplane Header, Guide Pin Signal ModulePin End Version, 200 Circuits, Pin Length 6.25mm (.246")
More results

Similar Description - 0751982501

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0751981011 MOLEX9-0751981011 Datasheet
323Kb / 4P
   2.00mm (.079) Pitch 8-Row VHDM짰 Lite Backplane Header, Guide Pin Signal Module, Pin End Version, 80 Circuits, Pin Length 4.75mm (.187)
0751981001 MOLEX9-0751981001 Datasheet
317Kb / 4P
   2.00mm (.079") Pitch 8-Row VHDM짰 Lite Backplane Header, Guide Pin Signal Module,Pin End Version, 80 Circuits, Pin Length 4.75mm (.187")
0751991001 MOLEX9-0751991001 Datasheet
328Kb / 4P
   2.00mm (.079) Pitch 8-Row VHDM짰 Lite Backplane Header, Guide Pin Signal Module, Shield End Version, 80 Circuits, Pin Length 4.75mm (.187)
0740612511 MOLEX8-0740612511 Datasheet
510Kb / 4P
   2.00mm (.079") Pitch VHDM짰 Board-to-Board Backplane Header, Vertical, 8-Row,Guide Pin Signal Module, Pin End Version, 200 Circuits, Pin Length 4.75mm (.187")
0751982513 MOLEX9-0751982513 Datasheet
323Kb / 4P
   2.00mm (.079) Pitch 8-Row VHDM짰 Lite Backplane Header, Guide Pin Signal Module, Pin End Version, 200 Circuits, Pin Length 4.25mm (.167)
0751982512 MOLEX9-0751982512 Datasheet
323Kb / 4P
   2.00mm (.079") Pitch 8-Row VHDM짰 Lite Backplane Header, Guide Pin Signal Module,Pin End Version, 200 Circuits, Pin Length 6.25mm (.246")
0740619201 MOLEX8-0740619201 Datasheet
512Kb / 4P
   2.00mm (.079") Pitch VHDM짰 Board-to-Board Backplane Header, Vertical, 8-Row, Guide Pin Signal Module, Pin End Version, 80 Circuits, Pin Length 4.75mm (.187")
0740622501 MOLEX8-0740622501 Datasheet
518Kb / 4P
   2.00mm (.079") Pitch VHDM짰 Board-to-Board Backplane Header, Vertical, 8-Row, Guide Pin Signal Module, Shield End Version, 200 Circuits, Pin Length 4.75mm (.187")
0740612521 MOLEX8-0740612521 Datasheet
510Kb / 4P
   2.00mm (.079") Pitch VHDM짰 Board-to-Board Backplane Header, Vertical, 8-RowGuide Pin Signal Module, Pin End Version, 200 Circuits, Pin Length 4.75mm (.187")
0751992513 MOLEX9-0751992513 Datasheet
327Kb / 4P
   2.00mm (.079) Pitch 8-Row VHDM짰 Lite Backplane Header, Guide Pin Signal Module, Shield End Version, 200 Circuits, Pin Length 4.25mm (.167)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com