Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLA5026 Datasheet(PDF) 1 Page - Sanken electric

Part # SLA5026
Description  N-channel General purpose
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA5026 Datasheet(HTML) 1 Page - Sanken electric

  SLA5026 Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ID-VDS Characteristics (Typical)
ID-VGS Characteristics (Typical)
RDS(ON)-ID Characteristics (Typical)
Re(yfs)-ID Characteristics (Typical)
RDS(ON)-TC Characteristics (Typical)
Capacitance-VDS Characteristics (Typical)
IDR-VSD Characteristics (Typical)
Safe Operating Area (SOA)
PT-Ta Characteristics
65
Characteristic curves
(Ta=25
°C)
Symbol
Unit
Conditions
V(BR)DSS
100
V
ID=100
µA, VGS=0V
IGSS
±100
nA
VGS=
±20V
IDSS
100
µAVDS=100V, VGS=0V
VTH
1.0
2.0
V
VDS=10V, ID=250
µA
Re(yfs)
710
S
VDS=10V, ID=5A
110
175
m
VGS=10V, ID=5A
140
220
m
VGS=4V, ID=5A
Ciss
740
pF
VDS=10V, f=1.0MHz,
Coss
240
pF
VGS=0V
td(on)
20
ns
ID=5A,
tr
45
ns
VDD 50V,
td(off)
60
ns
RL=10
Ω, VGS=5V,
tf
20
ns
see Fig. 3 on page 16.
VSD
1.0
1.4
V
ISD=10A, VGS=0V
trr
180
ns
ISD=
±100mA
(Ta=25
°C)
Symbol
Ratings
Unit
VDSS
100
V
VGSS
±20
V
ID
±10
A
ID(pulse)
±40 (PW≤1ms)
A
EAS*70
mJ
5 (Ta=25
°C, with all circuits operating, without heatsink)
W
35 (Tc=25
°C,with all circuits operating, with infinite heatsink)W
θ j-a
25 (Junction-Air, Ta=25
°C, with all circuits operating) °C/W
θ j-c
3.57 (Junction-Case, Tc=25
°C, with all circuits operating) °C/W
VISO
1000 (Between fin and lead pin, AC)
Vrms
Tch
150
°C
Tstg
–40 to +150
°C
* : VDD=25V, L=4.2mH, ID=5A, unclamped, RG=50
Ω, see Fig. E on page 15.
SLA5026
Specification
min
typ
max
PT
RDS(ON)
1
3
2
4
6
5
9
7
8
12
10
11
02
4
0
4
2
6
8
10
6
VDS (V)
810
3V
2.8V
2.6V
2.4V
01
2
0
4
2
6
8
10
3
VGS (V)
45
(VDS=10V)
TC=–40
°C
TC=25
°C
TC=125
°C
02
4
0
150
50
100
200
6
ID (A)
810
VGS=4V
VGS=10V
0.05
0.5
0.1
0.3
1
0.5
5
10
20
ID (A)
110
5
(VDS=10V)
TC
=–40
°C
125
°C
25
°C
–40
0
0
100
150
50
200
250
300
50
TC (
°C)
100
150
VGS
=4V
10V
(ID=5A)
020
10
30
20
100
50
500
1000
2000
40
VDS (V)
50
Ciss
Coss
Crss
VGS=0V
f=1MHz
0
0.5
1.0
1.5
0
4
2
6
8
10
VSD (V)
0.5
1
5
50
10
0.1
0.5
5
1
10
50
100
VDS (V)
10ms
(1shot)
100
µ
s
100ms
(TC=25
°C)
ID (pulse) max
R
DS
(ON)
LIMITED
25
30
35
40
20
15
10
5
0
0
50
100
150
Ta (
°C)
With Silicone Grease
Natural Cooling
All Circuits Operating
Without Heatsink
N-channel
General purpose
Absolute maximum ratings
sEquivalent circuit diagram
Electrical characteristics
External dimensions
A • • • SLA


Similar Part No. - SLA5026

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SLA5021 SANKEN-SLA5021 Datasheet
21Kb / 1P
   N-channel General purpose
SLA5022 SANKEN-SLA5022 Datasheet
32Kb / 2P
   PNP Darlington N-channel MOSFET 3-phase motor drive
SLA5022 SANKEN-SLA5022 Datasheet
46Kb / 2P
   PNP Darlington N-channel MOSFET 3-phase motor drive
SLA5022 SANKEN-SLA5022_06 Datasheet
46Kb / 2P
   PNP Darlington N-channel MOSFET 3-phase motor drive
SLA5023 SANKEN-SLA5023 Datasheet
35Kb / 2P
   PNP Darlington N-channel MOSFET 3-phase motor drive
More results

Similar Description - SLA5026

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SLA5044 SANKEN-SLA5044 Datasheet
20Kb / 1P
   N-channel General purpose
SLA5041 SANKEN-SLA5041_06 Datasheet
35Kb / 1P
   N-channel General purpose
logo
List of Unclassifed Man...
SLA5077 ETC-SLA5077 Datasheet
28Kb / 1P
   N-channel General purpose
logo
Sanken electric
SLA5011 SANKEN-SLA5011 Datasheet
21Kb / 1P
   N-channel General purpose
SLA5042 SANKEN-SLA5042 Datasheet
22Kb / 1P
   N-channel General purpose
SLA5047 SANKEN-SLA5047 Datasheet
21Kb / 1P
   N-channel General purpose
SLA5052 SANKEN-SLA5052 Datasheet
21Kb / 1P
   N-channel General purpose
SLA5037 SANKEN-SLA5037_06 Datasheet
34Kb / 1P
   N-channel General purpose
SLA5085 SANKEN-SLA5085 Datasheet
36Kb / 1P
   N-channel General purpose
SDK04 SANKEN-SDK04 Datasheet
12Kb / 1P
   N-channel General purpose
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com