Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLA7021M Datasheet(PDF) 6 Page - Sanken electric

Part # SLA7021M
Description  Unipolar Driver ICs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA7021M Datasheet(HTML) 6 Page - Sanken electric

Back Button SLA7021M Datasheet HTML 2Page - Sanken electric SLA7021M Datasheet HTML 3Page - Sanken electric SLA7021M Datasheet HTML 4Page - Sanken electric SLA7021M Datasheet HTML 5Page - Sanken electric SLA7021M Datasheet HTML 6Page - Sanken electric SLA7021M Datasheet HTML 7Page - Sanken electric SLA7021M Datasheet HTML 8Page - Sanken electric SLA7021M Datasheet HTML 9Page - Sanken electric SLA7021M Datasheet HTML 10Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
19
SLA7024M, SLA7026M, SLA7027MU, SLA7022MU, SLA7029M,
SMA7022MU, SMA7029M, SLA7020M, SLA7021M and SDK03M
Application Note
s Determining the chopper frequency
Determining TOFF: SLA7000M series, SMA7000M series and
SDK03M are self-excited choppers. The chopping OFF
time TOFF is fixed by r3/C1 and r4/C2 connected to terminal
Td.
TOFF can be computed through the following formula:
22
TOFF = –r3•C1
Rn(1–
) = –r4•C2
Rn(1–
)
Vb
Vb
The circuit constants and the TOFF value shown below are
recommended.
TOFF = 12
µs
r3
= 47 K
C1
= 500 pF
Vb
=5 V
s Thermal design
An outline on the method of computing heat dissipation is
shown below.
(1) Obtain the PH that corresponds to the motor coil current
IO from Fig. 11 “Heat dissipation per phase PH vs. Out-
put current lo”.
(2) The power dissipation Pdiss is obtained through the
following formula.
• SLA7000M and SMA7000M series
2-phase excitation
: Pdiss = 2PH + 0.015 x Vs (W)
3
1-2 phase excitation : Pdiss =
PH + 0.015 x Vs (W)
2
• SDK03M
2-phase excitation
: Pdiss = PH + 0.015 x Vs (W)
3
1-2 phase excitation : Pdiss =
PH + 0.015 x Vs (W)
4
(3) Obtain the temperature rise that corresponds to the
computed Pdiss from Fig. 12 “Temperature rise curve.”
Fig. 10 Chopper frequency vs. Motor coil resistance
.
.
.
.
.
.
.
.
Fig. 11 Heat dissipation per phase PH vs. Output current lo
.
.
Output current IO (A)
Typ.
Motor : 23LM-C004
Holding mode
VCC
=44V
36V
24V
15V
SLA7024M, SLA7029M, SMA7029M and SLA7020M
0
0.2
0.4
0.6
0.8
1.0
1.2
1.0
0.8
0.6
0.4
0.2
0
60
50
40
30
20
10
0
02468
10
12
14
16
15
20
25
30
35
40
Motor coil resistance Rm (
Ω)
VCC
=24V
VCC
=36V
TOFF =12 s
RS =1
Lm
=1~3ms
Rm
=
=
r3
C1
r4
C2
47k
500PF
µ
Typ.
Motor : 23PM-C503
Rm=1.16
Ω/
Lm=2.9mA/
Holding mode
φ
φ
36V
15V
24V
SLA7026M and SLA7021M
4.0
3.0
2.0
1.0
0
0
1.0
2.0
3.0
Output current IO (A)
1.4
1.2
1
0.8
0.6
0.4
0.2
0
0
0.2
0.4
0.6
0.8
1
36V
24V
15V
VCC
=44V
SLA7022MU, SLA7027MU, SMA7022MU and SDK03M
Output current IO (A)
Typ.
Motor : 23LM-C202
Holding mode


Similar Part No. - SLA7021M

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SLA7022 SANKEN-SLA7022 Datasheet
77Kb / 7P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7022MU SANKEN-SLA7022MU Datasheet
77Kb / 7P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7022MU SANKEN-SLA7022MU Datasheet
59Kb / 2P
   2-Phase Excitation
SLA7022MU SANKEN-SLA7022MU Datasheet
69Kb / 2P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7022MU SANKEN-SLA7022MU_10 Datasheet
59Kb / 2P
   2-Phase Excitation
More results

Similar Description - SLA7021M

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-7300A SANKEN-SI-7300A Datasheet
67Kb / 5P
   Unipolar Driver ICs
SI-7115B SANKEN-SI-7115B Datasheet
41Kb / 5P
   Unipolar Driver ICs
SDK03M SANKEN-SDK03M Datasheet
61Kb / 6P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7022MU SANKEN-SLA7022MU Datasheet
77Kb / 7P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7032M SANKEN-SLA7032M Datasheet
71Kb / 8P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7080MPR SANKEN-SLA7080MPR Datasheet
297Kb / 18P
   Unipolar 2-Phase Stepping Motor Driver ICs
SMA7029M SANKEN-SMA7029M Datasheet
69Kb / 2P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7027MU SANKEN-SLA7027MU Datasheet
74Kb / 7P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7042M SANKEN-SLA7042M Datasheet
47Kb / 4P
   2-Phase Stepper Motor Unipolar Driver ICs
logo
Rohm
BU52012HFV-TR ROHM-BU52012HFV-TR Datasheet
387Kb / 20P
   Unipolar Detection Hall ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com