Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLA7026M Datasheet(PDF) 4 Page - Sanken electric

Part # SLA7026M
Description  2-Phase Stepper Motor Unipolar Driver ICs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA7026M Datasheet(HTML) 4 Page - Sanken electric

  SLA7026M Datasheet HTML 1Page - Sanken electric SLA7026M Datasheet HTML 2Page - Sanken electric SLA7026M Datasheet HTML 3Page - Sanken electric SLA7026M Datasheet HTML 4Page - Sanken electric SLA7026M Datasheet HTML 5Page - Sanken electric SLA7026M Datasheet HTML 6Page - Sanken electric SLA7026M Datasheet HTML 7Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
23
SLA7027MU/SLA7024M/SLA7026M
SLA7027MU/SLA7024M/SLA7026M
2-Phase Stepper Motor Unipolar Driver ICs (2-Phase/1-2 Phase Excitation)
RS
C3
r2
r1
r6
r5
Vb(5V)
9,(10)
3,(14)
C3
r2
r1
r6
r5
Vb(5V)
9,(10)
3,(14)
rX
Tr
Power down
signal
sDetermining the Output Current
Fig. 1 shows the waveform of the output current (motor coil cur-
rent). The method of determining the peak value of the output
current (IO) based on this waveform is shown below.
(Parameters for determining the output current IO)
Vb: Reference supply voltage
r1,r2: Voltage-divider resistors for the reference supply voltage
RS: Current sense resistor
(1) Normal rotation mode
IO is determined as follows when current flows at the maximum
level during motor rotation. (See Fig.2.)
(2) Power down mode
The circuit in Fig.3 (rx and Tr) is added in order to decrease the
coil current. IO is then determined as follows.
Equation (2) can be modified to obtain equation to determine rx.
Fig. 4 and 5 show the graphs of equations (1) and (2) respec-
tively.
(NOTE)
Ringing noise is produced in the current sense resistor RS when
the MOSFET is switched ON and OFF by chopping. This noise
is also generated in feedback signals from RS which may there-
fore cause the comparator to malfunction. To prevent chopping
malfunctions, r5(r6) and C3(C4) are added to act as a noise filter.
Fig. 2 Normal mode
0
Phase A
Phase A
IO
Fig. 1 Waveform of coil current (Phase A excitation ON)
Fig. 3 Power down mode
4
3
2
1
0
01234
Current sense resistor RS (
Ω)
IO=
r1+r2
RS
r1=510
r2=100
rx=
Vb=5V
r2
·
Vb
Fig. 4 Output current IO vs. Current sense resistor RS
Fig. 5 Output current IOPD vs. Variable current sense resistor rx
2.0
1.5
1.0
0.5
00
200
400
600
800
Variable current sense resistor rX (
Ω)
1000
1200
RS =0.5
RS =0.8
RS =1
IOPD=
1+
RS
r1=510
r2=100
Vb=5V
1
·
Vb
r1(r2+rX)
r2 · rX
Application Notes
rX=
1
Vb
Rs
• IOPD
1
r1
−1
1
r2
However, when the values of these constants are increased,
the response from RS to the comparator becomes slow. Hence
the value of the output current IO is somewhat higher than the
calculated value.
................................................................ (1)
IO
r2
r1+r2
Vb
RS
......................................................... (2)
IOPD
1
r1(r2+rX)
r2
rX
Vb
RS
1+


Similar Part No. - SLA7026M

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SLA7026M ALLEGRO-SLA7026M Datasheet
137Kb / 12P
   HIGH-CURRENT PWM, UNIPOLAR STEPPER MOTOR CONTROLLER/DRIVERS
logo
Sanken electric
SLA7026M SANKEN-SLA7026M Datasheet
59Kb / 2P
   2-Phase/1-2 Phase Excitation
SLA7026M SANKEN-SLA7026M Datasheet
86Kb / 2P
   2-Phase/1-2 Phase Excitation
SLA7026M SANKEN-SLA7026M Datasheet
68Kb / 2P
   2-Phase/1-2 Phase Excitation
More results

Similar Description - SLA7026M

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SDK03M SANKEN-SDK03M Datasheet
61Kb / 6P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7022MU SANKEN-SLA7022MU Datasheet
77Kb / 7P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7032M SANKEN-SLA7032M Datasheet
71Kb / 8P
   2-Phase Stepper Motor Unipolar Driver ICs
SMA7029M SANKEN-SMA7029M Datasheet
69Kb / 2P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7042M SANKEN-SLA7042M Datasheet
47Kb / 4P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7050M SANKEN-SLA7050M Datasheet
438Kb / 14P
   2-Phase Unipolar Stepper Motor Driver
SLA7060M SANKEN-SLA7060M Datasheet
705Kb / 18P
   2-Phase Unipolar Stepper Motor Driver
SLA707XM SANKEN-SLA707XM Datasheet
528Kb / 20P
   2-Phase Unipolar Stepper Motor Driver
SLA7080MPR SANKEN-SLA7080MPR Datasheet
297Kb / 18P
   Unipolar 2-Phase Stepping Motor Driver ICs
SMA7036M SANKEN-SMA7036M Datasheet
71Kb / 7P
   2-Phase Stepper Motor Unipolar Driver IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com