Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPF5001 Datasheet(PDF) 2 Page - Sanken electric

Part # SPF5001
Description  Surface-mount 4-circuit Low-side Switch Array
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SPF5001 Datasheet(HTML) 2 Page - Sanken electric

  SPF5001 Datasheet HTML 1Page - Sanken electric SPF5001 Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
39
010
20
30
40
0
4
8
VB (V)
6
2
10
010
20
30
40
0
4
8
VB (V)
6
2
12
10
01
2
3
0
5
10
VIN (th) (V)
15
010
20
30
40
0
VB (V)
10
5
15
0
0.5
1.0
1.5
0
0.5
1.5
VF (V)
1.0
2.0
0
0.5
1.0
1.5
2.0
0
0.4
0.8
IO (A)
0.6
0.2
1.0
Ta =125ºC
Ta = 25ºC
Ta = 125ºC
Ta = –40ºC
Ta =25ºC
Ta =–40ºC
Ta =125ºC
Ta =25ºC
Ta =–40ºC
Ta = –40ºC
Ta =25ºC
Ta =125ºC
VB =14V
VO =14V
IO =0.1A
VO =14V
IO =0.1A
Ta = –40ºC
Ta =25ºC
Ta =125ºC
VIN =5V
010
20
30
40
0
4
8
VB (V)
6
2
12
10
Ta = 125ºC
Ta = 25ºC
Ta = –40ºC
VIN =5V
Ta =125ºC
VB =5.5V
VB =14V
Ta =25ºC
Ta =–40ºC
s Quiescent Circuit Current
s Circuit Current (single circuit)
s Circuit Current (4 circuits)
s Output ON Voltage
s Forward Voltage of Output Stage Diode
s Overvoltage Protection Starting Voltage
s Threshold Input Voltage


Similar Part No. - SPF5001

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SPF5002 SANKEN-SPF5002 Datasheet
21Kb / 1P
   Surface-mount 4-circuit Low-side Switch Array
SPF5002A SANKEN-SPF5002A Datasheet
52Kb / 2P
   Low-side Switch ICs
SPF5003 SANKEN-SPF5003 Datasheet
43Kb / 1P
   High-side Power Switch ICs [Surface-mount 2-circuits]
SPF5003 SANKEN-SPF5003_06 Datasheet
45Kb / 1P
   High-side Power Switch ICs
SPF5004 SANKEN-SPF5004 Datasheet
45Kb / 1P
   High-side Power Switch ICs
More results

Similar Description - SPF5001

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SPF5002 SANKEN-SPF5002 Datasheet
21Kb / 1P
   Surface-mount 4-circuit Low-side Switch Array
SDH04 SANKEN-SDH04 Datasheet
34Kb / 2P
   Surface-mount Dual Circuit High-side Power Switch Array
SLA2502M SANKEN-SLA2502M Datasheet
38Kb / 3P
   4-circuit High-side Power Switch Array
SLA2501M SANKEN-SLA2501M Datasheet
32Kb / 2P
   3-circuit High-side Power Switch Array
logo
Pan Jit International I...
BAV199S PANJIT-BAV199S_04 Datasheet
47Kb / 3P
   SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODES ARRAY
BAV199S PANJIT-BAV199S Datasheet
123Kb / 3P
   SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODES ARRAY
BAV199STB6 PANJIT-BAV199STB6 Datasheet
120Kb / 3P
   SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODES ARRAY
BAV199STB6 PANJIT-BAV199STB6_16 Datasheet
144Kb / 5P
   SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODES ARRAY
logo
Infineon Technologies A...
TLE6220GP INFINEON-TLE6220GP_07 Datasheet
304Kb / 19P
   Smart Quad Low-Side Switch Short Circuit Protection
V2.1 2007-05-03
logo
NIC-Components Corp.
NVA NIC-NVA Datasheet
101Kb / 4P
   Surface Mount Varistor Array
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com