Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0795161063 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0795161063
Description  Micro-Fit Overmolded Cable Assembly, 6 Circuit, 3.0m (9.84 ) Length
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0795161063 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0795161063 Datasheet HTML 1Page - Molex Electronics Ltd. 0795161063 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 05/20/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0795161063
Status:
Active
Overview:
microfit_30
Description:
Micro-Fit Overmolded Cable Assembly, 6 Circuit, 3.0m (9.84' ) Length
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Cable Assemblies
Series
79516
Connector to Connector
Micro-Fit-to-Micro-Fit
Overview
microfit_30
Product Name
Micro-Fit 3.0™
Physical
Cable Length
3.0m (9.84' )
Circuits (Loaded)
6
Color - Resin
Black
Gender
Female-Female
Lock to Mating Part
Yes
Material - Metal
Phosphor Bronze
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Polyester
Packaging Type
Bag
Pitch - Mating Interface (in)
0.118 In
Pitch - Mating Interface (mm)
3.00 mm
Plating min: Mating (µin)
40
Plating min: Mating (µm)
1.00
Plating min: Termination (µin)
40
Plating min: Termination (µm)
1.00
Single Ended
No
Wire Insulation Diameter
N/A
Wire Size AWG
26
Wire/Cable Type
Jacketed
Electrical
Current - Maximum per Contact
5A
Shielded
No
Voltage - Maximum
250V
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-79516-003
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
79516Series
This document was generated on 05/20/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0795161063

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0795161061 MOLEX9-0795161061 Datasheet
87Kb / 2P
   Micro-Fit Overmolded Cable Assembly, 6 Circuit,
0795161065 MOLEX9-0795161065 Datasheet
87Kb / 2P
   Micro-Fit Overmolded Cable Assembly, 6 Circuit, 5.0m (16.40 ) Length
More results

Similar Description - 0795161063

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0795161103 MOLEX9-0795161103 Datasheet
94Kb / 2P
   Micro-Fit Overmolded Cable Assembly, 10 Circuit, 3.0m (9.84) Length
0795161043 MOLEX9-0795161043 Datasheet
93Kb / 2P
   Micro-Fit Overmolded Cable Assembly, 4 Circuit, 3.0m (9.84) Length
0795161023 MOLEX9-0795161023 Datasheet
86Kb / 2P
   Micro-Fit Overmolded Cable Assembly, 2 Circuit, 3.0m (9.84) Length
0795161061 MOLEX9-0795161061 Datasheet
87Kb / 2P
   Micro-Fit Overmolded Cable Assembly, 6 Circuit,
0795161065 MOLEX9-0795161065 Datasheet
87Kb / 2P
   Micro-Fit Overmolded Cable Assembly, 6 Circuit, 5.0m (16.40 ) Length
0795161025 MOLEX9-0795161025 Datasheet
86Kb / 2P
   Micro-Fit Overmolded Cable Assembly, 2 Circuit, 5.0m (16.40) Length
0795161105 MOLEX9-0795161105 Datasheet
94Kb / 2P
   Micro-Fit Overmolded Cable Assembly, 10 Circuit, 5.0m (16.40) Length
0795161101 MOLEX9-0795161101 Datasheet
94Kb / 2P
   Micro-Fit Overmolded Cable Assembly, 10 Circuit, 1.0m (3.28 ) Length
0795161021 MOLEX9-0795161021 Datasheet
86Kb / 2P
   Micro-Fit Overmolded Cable Assembly, 2 Circuit, 1.0m (3.28) Length
0795161045 MOLEX9-0795161045 Datasheet
93Kb / 2P
   Micro-Fit Overmolded Cable Assembly, 4 Circuit, 5.0m (16.40 ) Length
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com