Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0751942504 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0751942504
Description  2.00mm (.079) Pitch VHDM짰 Lite-Series, Board-to-Board Backplane Header, Vertical, 6-Row, Open Signal Module, 150 Circuits, Pin Length 5.15mm (.203)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0751942504 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0751942504 Datasheet HTML 1Page - Molex Electronics Ltd. 0751942504 Datasheet HTML 2Page - Molex Electronics Ltd. 0751942504 Datasheet HTML 3Page - Molex Electronics Ltd. 0751942504 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Data Rate
622.0 Mbps
Real Signals (per 25mm)
72
Voltage - Maximum
120V AC (RMS)/DC
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-74057-003
Product Specification
PS-74031-999
Sales Drawing
SD-75194-001
VHDM and Very High Density Metric are trademarks of Amphenol Corporation
25 Wide, 50.00mm
(1.97")
This document was generated on 05/28/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0751942504

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0751942501 MOLEX9-0751942501 Datasheet
219Kb / 4P
   2.00mm (.079") Pitch VHDM Lite-Series, Board-to-Board Backplane Header, Vertical, 6-Row
0751942502 MOLEX9-0751942502 Datasheet
219Kb / 4P
   2.00mm (.079") Pitch VHDM Lite-Series, Board-to-Board Backplane Header, Vertical, 6-Row
0751942503 MOLEX9-0751942503 Datasheet
219Kb / 4P
   2.00mm (.079) Pitch VHDM짰 Lite-Series, Board-to-Board Backplane Header, Vertical, 6-Row, Open Signal Module, 150 Circuits, Pin Length 4.25mm (.167)
More results

Similar Description - 0751942504

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0751941004 MOLEX9-0751941004 Datasheet
219Kb / 4P
   2.00mm (.079) Pitch VHDM짰 Lite-Series, Board-to-Board Backplane Header, Vertical, 6-Row, Open Signal Module, 60 Circuits, Pin Length 5.15mm (.203)
0740602509 MOLEX8-0740602509 Datasheet
282Kb / 4P
   2.00mm (.079") Pitch VHDM짰 Board-to-Board Backplane Header, Vertical, 8-Row,Open Signal Module, 200 Circuits, Pin Length 5.15mm (.203")
0751972504 MOLEX9-0751972504 Datasheet
241Kb / 4P
   2.00mm (.079") Pitch VHDM짰 Lite Board-to-Board Backplane Header, Vertical, 8-RowOpen Signal Module, 200 circuits, Pin Length 5.15mm (.203")
0740572504 MOLEX8-0740572504 Datasheet
279Kb / 5P
   2.00mm (.079") Pitch VHDM짰 Board-to-Board Backplane Header, Vertical, 6-Row,Open Signal Module, 150 Circuits, 25 Columns, Pin Length 5.15mm (.203"), 0.76關m
0740602504 MOLEX8-0740602504 Datasheet
283Kb / 4P
   2.00mm (.079") Pitch VHDM짰 Board-to-Board Backplane Header, Vertical, 8-RowOpen Signal Module, 200 Circuits, Pin Length 5.15mm (.203")
0740601004 MOLEX8-0740601004 Datasheet
283Kb / 4P
   2.00mm (.079") Pitch VHDM짰 Board-to-Board Backplane Header, Vertical, 8-RowOpen Signal Module, 80 Circuits, Pin Length 5.15mm (.203")
0751942503 MOLEX9-0751942503 Datasheet
219Kb / 4P
   2.00mm (.079) Pitch VHDM짰 Lite-Series, Board-to-Board Backplane Header, Vertical, 6-Row, Open Signal Module, 150 Circuits, Pin Length 4.25mm (.167)
0751948502 MOLEX9-0751948502 Datasheet
222Kb / 4P
   2.00mm (.079) Pitch VHDM짰 Lite-Series, Board-to-Board Backplane Header, Vertical, 6-Row, Open Signal Module, 150 Circuits, Pin Length 6.25mm (.246)
0740581014 MOLEX8-0740581014 Datasheet
337Kb / 4P
   2.00mm (.079") Pitch VHDM짰 Board-to-Board Backplane Header, Vertical, 6-Row, PinEnd Version, 60 Circuits, Pin Length 5.15mm (.203")
0740592504 MOLEX8-0740592504 Datasheet
400Kb / 4P
   2.00mm (.079") Pitch VHDM짰 Board-to-Board Backplane Header, Vertical, 6-Row, Guide Pin Signal Module, Shield End Version, Pin End Version, 150 Circuits, Pin Length 5.15mm (.203")
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com