Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA481 Datasheet(PDF) 1 Page - Sanken electric

Part # STA481
Description  NPN Darlington With built-in avalanche diode
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STA481 Datasheet(HTML) 1 Page - Sanken electric

  STA481 Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
185
Characteristic curves
(Ta=25
°C)
Symbol
Ratings
Unit
VCBO
60
±10
V
VCEO
60
±10
V
VEBO
6V
IC
1A
ICP
2.5 (PW
≤1ms, Du≤25%)
A
IB
0.5
A
4 (Ta=25
°C)
16 (Tc=25
°C)
Tj
150
°C
Tstg
–40 to +150
°C
(Ta=25
°C)
Symbol
Unit
Conditions
ICBO
10
µAVCB=50V
IEBO
3mA
VEB=6V
VCEO
50
60
70
V
IC=1mA
hFE
2000
5000
10000
VCE=4V, IC=0.5A
VCE(sat)
1.0
1.5
V
VBE(sat)
1.6
2.2
V
VFEC
1.4
1.8
V
IFEC=0.5A
ton
0.5
µsVCC 30V,
tstg
2.5
µsIC=0.5A,
tf
1.0
µsIB1=–IB2=1mA
fT
50
MHz
VCE=12V, IE=–0.1A
Cob
14
pF
VCB=10V, f=1MHz
Specification
min
typ
max
PT
W
STA481A
IC=0.5A, IB=1mA
R1: 6k
Ω typ R2: 400Ω typ
2
1
3
R1
R2
4
5
6
7
8
9
10
2.5
VCE (V)
0
123
2
1.5
1
0.5
45
6
0
5m
A
2m
A
1m
A
0.5mA
0.3mA
10000
IC (A)
0.01
0.1
1
2.5
1000
100
30
typ
(VCE=4V)
10000
IC (A)
0.01
0.1
1
(VCE=4V)
1000
100
30
2.5
125
°C
75
°C
25
°C
–30
°C
3
2
1
0
0.01
0.1
1
5
(IB=2mA)
IC (A)
125
°C
75
°C
25
°C
–30
°C
3
2
1
0
0.05 0.1
1
100
10
(IC=0.5A)
IB (mA)
125
°C
75
°C
25
°C
–30
°C
2.5
VBE (V)
01
2
3
(VCE=4V)
2
1.5
1
0.5
0
PW (mS)
1000
10
100
1
10
5
30
1
20
Ta (
°C)
–40
0
50
150
15
10
5
0
100
With Silicone Grease
Natural Cooling
Heatsink: Aluminum
Without Heatsink
5
VCE (V)
1
10
100
1
0.1
0.01
Single Pulse
Without Heatsink
Ta=25
°C
NPN Darlington
With built-in avalanche diode
Absolute maximum ratings
External dimensions D • • • STA (10-pin)
sEquivalent circuit diagram
Electrical characteristics
IC-VCE Characteristics (Typical)
hFE-IC Characteristics (Typical)
hFE-IC Temperature Characteristics (Typical)
VCE(sat)-IC Temperature Characteristics (Typical)
VCE(sat)-IB Temperature Characteristics (Typical)
IC-VBE Temperature Characteristics (Typical)
θ j-a-PW Characteristics
PT-Ta Characteristics
Safe Operating Area (SOA)


Similar Part No. - STA481

ManufacturerPart #DatasheetDescription
logo
Sanken electric
STA481A SANKEN-STA481A Datasheet
39Kb / 1P
   NPN Darlington With built-in avalanche diode
STA481A SANKEN-STA481A Datasheet
39Kb / 1P
   NPN Darlington With built-in avalanche diode
STA481A SANKEN-STA481A_06 Datasheet
39Kb / 1P
   NPN Darlington With built-in avalanche diode
More results

Similar Description - STA481

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SDC04 SANKEN-SDC04 Datasheet
21Kb / 1P
   NPN Darlington With built-in avalanche diode
STA301A SANKEN-STA301A_06 Datasheet
33Kb / 1P
   NPN Darlington With built-in avalanche diode
STA475A SANKEN-STA475A_06 Datasheet
39Kb / 1P
   NPN Darlington With built-in avalanche diode
SDC03 SANKEN-SDC03 Datasheet
21Kb / 1P
   NPN Darlington With built-in avalanche diode
STA471A SANKEN-STA471A Datasheet
24Kb / 1P
   NPN Darlington With built-in avalanche diode
SDC03 SANKEN-SDC03_01 Datasheet
35Kb / 1P
   NPN Darlington With built-in avalanche diode
STA371A SANKEN-STA371A Datasheet
23Kb / 1P
   NPN Darlington With built-in avalanche diode
STA401A SANKEN-STA401A Datasheet
22Kb / 1P
   NPN Darlington With built-in avalanche diode
STA435A SANKEN-STA435A Datasheet
22Kb / 1P
   NPN Darlington With built-in avalanche diode
STA460C SANKEN-STA460C Datasheet
19Kb / 1P
   NPN Darlington With built-in avalanche diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com