Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA501A Datasheet(PDF) 1 Page - Sanken electric

Part # STA501A
Description  N-channel General purpose
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STA501A Datasheet(HTML) 1 Page - Sanken electric

  STA501A Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
155
Characteristic curves
STA501A
(Ta=25
°C)
Symbol
Ratings
Unit
VDSS
60
V
VGSS
±10
V
ID
±5A
ID(pulse)
±20 (PW≤100
µs, Du≤1%)
A
4 (Ta=25
°C)
W
20 (Tc=25
°C)
W
Tch
150
°C
Tstg
–40 to +150
°C
PT
(Ta=25
°C)
Symbol
Unit
Conditions
V(BR)DSS
60
V
ID=250
µA, VGS=0V
IGSS
±500
nA
VGS=
±10V
IDSS
250
µAVDS=60V, VGS=0V
VTH
1.0
2.0
V
VDS=10V, ID=250
µA
Re(yfs)
2.0
S
VDS=10V, ID=2.5A
0.15
0.20
VGS=10V, ID=2.5A
0.23
0.28
VGS=4V, ID=2.5A
Ciss
400
pF
VDS=25V,
Coss
160
pF
f=1.0MHz,
Crss
35
pF
VGS=0V
td(on)
20
ns
ID=2.5A,
tr
25
ns
VDD 30V,
td(off)
40
ns
RL=12
Ω,
tf
20
ns
VGS=5V, see Fig. 3 on page 16.
VSD
1.0
1.5
V
ISD=5A, VGS=0V
trr
150
ns
ISD=
±100mA
Specification
min
typ
max
RDS(ON)
2
3
1
4
5
6
7
8
9
10
N-channel
General purpose
External dimensions D • • • STA400
Absolute maximum ratings
Electrical characteristics
sEquivalent circuit diagram
Characteristic curves


Similar Part No. - STA501A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA501A STMICROELECTRONICS-STA501A Datasheet
111Kb / 9P
   45V 3.5A DOUBLE POWER HALF BRIDGE
November 2004 Rev. 1
More results

Similar Description - STA501A

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SLA5044 SANKEN-SLA5044 Datasheet
20Kb / 1P
   N-channel General purpose
SLA5041 SANKEN-SLA5041_06 Datasheet
35Kb / 1P
   N-channel General purpose
logo
List of Unclassifed Man...
SLA5077 ETC-SLA5077 Datasheet
28Kb / 1P
   N-channel General purpose
logo
Sanken electric
SLA5011 SANKEN-SLA5011 Datasheet
21Kb / 1P
   N-channel General purpose
SLA5042 SANKEN-SLA5042 Datasheet
22Kb / 1P
   N-channel General purpose
SLA5047 SANKEN-SLA5047 Datasheet
21Kb / 1P
   N-channel General purpose
SLA5052 SANKEN-SLA5052 Datasheet
21Kb / 1P
   N-channel General purpose
SLA5037 SANKEN-SLA5037_06 Datasheet
34Kb / 1P
   N-channel General purpose
SLA5085 SANKEN-SLA5085 Datasheet
36Kb / 1P
   N-channel General purpose
SDK04 SANKEN-SDK04 Datasheet
12Kb / 1P
   N-channel General purpose
SLA5026 SANKEN-SLA5026 Datasheet
21Kb / 1P
   N-channel General purpose
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com