Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

885264803 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 885264803
Description  MT-RJ(F)-to-ST, Singlemode, 9/125關m/G652, Duplex, 1.60MM (.063), Standard Fiber Optic Cable Assembly, 5.0m (16.40)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

885264803 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  885264803 Datasheet HTML 1Page - Molex Electronics Ltd. 885264803 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - 885264803

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
885264800 MOLEX10-885264800 Datasheet
84Kb / 2P
   MT-RJ(F)-to-ST, Singlemode, 9/125關m/G652, Duplex, 1.60MM (.063), Standard Fiber Optic Cable Assembly, 1.0m (3.28)
885264801 MOLEX10-885264801 Datasheet
84Kb / 2P
   MT-RJ(F)-to-ST, Singlemode, 9/125關m/G652, Duplex, 1.60MM (.063), Standard Fiber Optic Cable Assembly, 2.0m (6.56)
885264802 MOLEX10-885264802 Datasheet
84Kb / 2P
   MT-RJ(F)-to-ST, Singlemode, 9/125關m/G652, Duplex, 1.60MM (.063), Standard Fiber Optic Cable Assembly, 3.0m (9.84)
885264804 MOLEX10-885264804 Datasheet
84Kb / 2P
   MT-RJ(F)-to-ST, Singlemode, 9/125關m/G652, Duplex, 1.60MM (.063), Standard Fiber Optic Cable Assembly, 10.0m (32.81)
More results

Similar Description - 885264803

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0885264603 MOLEX10-0885264603 Datasheet
85Kb / 2P
   MT-RJ(F)-to-MT-RJ(F), Singlemode, 9/125關m/G652, Duplex, 1.60mm (.063), Standard Fiber Optic Cable Assembly, 5.0m (16.40)
0885237351 MOLEX10-0885237351 Datasheet
94Kb / 2P
   MT-RJ(F)-to-SC, Singlemode, 9/125關m/G652, Duplex, 1.60mm (.063), Standard Fiber Optic Cable Assembly, 5.0m (16.40)
0885237201 MOLEX10-0885237201 Datasheet
86Kb / 2P
   MT-RJ(F)-to-FC, Singlemode, 9/125關m/G652, Duplex, 1.60mm (.063), Standard Fiber Optic Cable Assembly, 5.0m (16.40)
0885264903 MOLEX10-0885264903 Datasheet
84Kb / 2P
   MT-RJ(F)-to-LC, Singlemode, 9/125關m/G652, Duplex, 1.60mm (.063), Standard Fiber Optic Cable Assembly, 5.0m (16.40)
0885264802 MOLEX10-0885264802 Datasheet
84Kb / 2P
   MT-RJ(F)-to-ST, Singlemode, 9/125關m/G652, Duplex, 1.60MM (.063), Standard Fiber Optic Cable Assembly, 3.0m (9.84)
0885264604 MOLEX10-0885264604 Datasheet
85Kb / 2P
   MT-RJ(F)-to-MT-RJ(F), Singlemode, 9/125關m/G652, Duplex, 1.60mm (.063), Standard Fiber Optic Cable Assembly, 10.0m (32.81)
0885264801 MOLEX10-0885264801 Datasheet
84Kb / 2P
   MT-RJ(F)-to-ST, Singlemode, 9/125關m/G652, Duplex, 1.60MM (.063), Standard Fiber Optic Cable Assembly, 2.0m (6.56)
0885264800 MOLEX10-0885264800 Datasheet
84Kb / 2P
   MT-RJ(F)-to-ST, Singlemode, 9/125關m/G652, Duplex, 1.60MM (.063), Standard Fiber Optic Cable Assembly, 1.0m (3.28)
0885264804 MOLEX10-0885264804 Datasheet
84Kb / 2P
   MT-RJ(F)-to-ST, Singlemode, 9/125關m/G652, Duplex, 1.60MM (.063), Standard Fiber Optic Cable Assembly, 10.0m (32.81)
0885237503 MOLEX10-0885237503 Datasheet
85Kb / 2P
   MT-RJ(F)-to-ST, Multimode, 62.5/125關m, Duplex, 1.60mm (.063), Standard Fiber Optic Cable Assembly, 5.0m (16.40)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com