Electronic Components Datasheet Search |
|
90136-1302 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
90136-1302 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 4 page This document was generated on 03/31/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0901361302 Status: Active Overview: C-Grid III™ Description: 2.54mm (.100") Pitch C-Grid III™ Header, Single Row, Vertical, Shrouded, 2 Circuits, 0.76µm (30µ") Gold (Au) Selective Plating Documents: 3D Model RoHS Certificate of Compliance (PDF) Drawing (PDF) General Product Family PCB Headers Series 90136 Application Wire-to-Board Overview C-Grid III™ Product Name C-Grid III™ Physical Breakaway No Circuits (Loaded) 2 Circuits (maximum) 2 Color - Resin Black First Mate / Last Break No Glow-Wire Compliant No Guide to Mating Part No Keying to Mating Part None Lock to Mating Part Yes Material - Metal Brass Material - Plating Mating Gold Material - Plating Termination Tin Material - Resin Polyester Number of Rows 1 Orientation Vertical PC Tail Length (in) 0.114 In PC Tail Length (mm) 2.90 mm PCB Locator No PCB Retention None PCB Thickness Recommended (in) 0.062 In PCB Thickness Recommended (mm) 1.60 mm Packaging Type Tray Pitch - Mating Interface (in) 0.100 In Pitch - Mating Interface (mm) 2.54 mm Plating min: Mating (µin) 30.48 Plating min: Mating (µm) 0.762 Plating min: Termination (µin) 120 Plating min: Termination (µm) 3 Polarized to PCB No Shrouded Fully Stackable No Temperature Range - Operating -55°C to +125°C Termination Interface: Style Through Hole Electrical Current - Maximum per Contact 3A Voltage - Maximum 350V Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 90136Series Mates With 90123 C-Grid III™ Modular Crimp Housing. 90156 C-Grid III™ Crimp Housing |
Similar Part No. - 90136-1302 |
|
Similar Description - 90136-1302 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |