Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

885262002 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 885262002
Description  LC-to-LC, Multimode, 62.5/125關m, Duplex, 2.00mm (.079), Standard Fiber Optic Cable Assembly, 5.0m (16.40)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

885262002 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  885262002 Datasheet HTML 1Page - Molex Electronics Ltd. 885262002 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 03/17/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0885262002
Status:
Active
Description:
LC-to-LC, Multimode, 62.5/125µm, Duplex, 2.00mm (.079"), Standard Fiber Optic
Cable Assembly, 5.0m (16.40' )
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Fiber Optic Assemblies
Series
88526
Connector to Connector
LC-to-LC
Mode
Multimode
Obsolete Date
2003/01/01
Product Name
LC
Physical
Cable Length
5.0m (16.40' )
Cable Size
2.00mm (.079")
Fiber (Core/Cladding)
62.5/125µm
Single Ended
No
Wire/Cable Type
Duplex
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-88526-033
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
88526Series
This document was generated on 03/17/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 885262002

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
885262000 MOLEX10-885262000 Datasheet
90Kb / 2P
   LC-to-LC, Multimode, 62.5/125關m, Duplex, 2.00mm (.079), Standard Fiber Optic Cable Assembly, 6.0m (19.68)
885262001 MOLEX10-885262001 Datasheet
90Kb / 2P
   LC-to-LC, Multimode, 62.5/125關m, Duplex, 2.00mm (.079), Standard Fiber Optic Cable Assembly, 7.0m (22.97)
885262009 MOLEX10-885262009 Datasheet
90Kb / 2P
   LC-to-LC, Multimode, 62.5/125關m, Duplex, 2.00mm (.079), Standard Fiber Optic Cable Assembly, 10.0m (32.81)
More results

Similar Description - 885262002

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0885272603 MOLEX10-0885272603 Datasheet
80Kb / 2P
   FC-to-LC, Multimode, 62.5/125關m, Duplex, 2.00mm (.079), Standard Fiber Optic Cable Assembly, 5.0m (16.40)
0885236704 MOLEX10-0885236704 Datasheet
92Kb / 2P
   SC-to-LC, Multimode, 62.5/125關m, Duplex, 2.00mm (.079), Standard Fiber Optic Cable Assembly, 5.0m (16.40)
0885262203 MOLEX10-0885262203 Datasheet
85Kb / 2P
   LC-to-ST, Multimode, 62.5/125關m, Duplex, 2.00mm (.079), Standard Fiber Optic Cable Assembly, 5.0m (16.40)
0885263803 MOLEX10-0885263803 Datasheet
87Kb / 2P
   LC-to-LC, Multimode, 62.5/125關m, Duplex, 1.60mm (.063), Standard Fiber Optic Cable Assembly, 5.0m (16.40)
0885262001 MOLEX10-0885262001 Datasheet
90Kb / 2P
   LC-to-LC, Multimode, 62.5/125關m, Duplex, 2.00mm (.079), Standard Fiber Optic Cable Assembly, 7.0m (22.97)
0885262000 MOLEX10-0885262000 Datasheet
90Kb / 2P
   LC-to-LC, Multimode, 62.5/125關m, Duplex, 2.00mm (.079), Standard Fiber Optic Cable Assembly, 6.0m (19.68)
0885262009 MOLEX10-0885262009 Datasheet
90Kb / 2P
   LC-to-LC, Multimode, 62.5/125關m, Duplex, 2.00mm (.079), Standard Fiber Optic Cable Assembly, 10.0m (32.81)
0885236649 MOLEX10-0885236649 Datasheet
96Kb / 2P
   LC-to-LC, Multimode, 62.5/125關m/G655, Duplex, 2.00mm (.079 Fiber Optic Cable Assembly, 50.0m
0885263703 MOLEX10-0885263703 Datasheet
81Kb / 2P
   LC-to-LC, Multimode, 62.5/125關m, Simplex, 0.90mm (.035), Standard Fiber Optic Cable Assembly, 5.0m (16.40)
88526-2002 MOLEX11-88526-2002 Datasheet
31Kb / 1P
   LC-to-LC, Multimode, 62.5/125m, Duplex, 2.00mm, Standard Fiber Optic Cable Assembly, 5.0m
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com