Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

885237305 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 885237305
Description  MT-RJ(F)-to-SC, Multimode, 62.5/125關m, Duplex, 1.60mm (.063), Standard Fiber Optic Cable Assembly, 15.0m (49.21)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

885237305 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  885237305 Datasheet HTML 1Page - Molex Electronics Ltd. 885237305 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0885237305
Status:
Active
Overview:
fiber_optic_product_families
Description:
MT-RJ(F)-to-SC, Multimode, 62.5/125µm, Duplex, 1.60mm (.063"), Standard Fiber
Optic Cable Assembly, 15.0m (49.21' )
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Fiber Optic Assemblies
Series
88523
Connector to Connector
MT-RJ-to-SC
Mode
Multimode
Overview
fiber_optic_product_families
Product Name
MT-RJ, SC
Physical
Cable Length
15.0m (49.21' )
Cable Size
1.60mm (.063")
Fiber (Core/Cladding)
62.5/125µm
Single Ended
No
Wire/Cable Type
Duplex
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-88523-078
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
88523Series
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 885237305

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
885237300 MOLEX10-885237300 Datasheet
110Kb / 2P
   MT-RJ(F)-to-SC, Multimode, 62.5/125關m, Duplex, 1.60mm (.063), Standard Fiber Optic Cable Assembly, 1.0m (3.28)
885237301 MOLEX10-885237301 Datasheet
110Kb / 2P
   MT-RJ(F)-to-SC, Multimode, 62.5/125關m, Duplex, 1.60mm (.063), Standard Fiber Optic Cable Assembly, 2.0m (6.56)
885237302 MOLEX10-885237302 Datasheet
110Kb / 2P
   MT-RJ(F)-to-SC, Multimode, 62.5/125關m, Duplex, 1.60mm (.063), Standard Fiber Optic Cable Assembly, 3.0m (9.84)
885237303 MOLEX10-885237303 Datasheet
110Kb / 2P
   MT-RJ(F)-to-SC, Multimode, 62.5/125關m, Duplex, 1.60mm (.063), Standard Fiber Optic Cable Assembly, 4.0m (13.12)
885237304 MOLEX10-885237304 Datasheet
110Kb / 2P
   MT-RJ(F)-to-SC, Multimode, 62.5/125關m, Duplex, 1.60mm (.063), Standard Fiber Optic Cable Assembly, 5.0m (16.40)
More results

Similar Description - 885237305

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0885237405 MOLEX10-0885237405 Datasheet
90Kb / 2P
   MT-RJ(F)-to-MT-RJ(F), Multimode, 62.5/125關m, Duplex, 1.60mm (.063), Standard Fiber Optic Cable Assembly, 15.0m (49.21)
0885237304 MOLEX10-0885237304 Datasheet
110Kb / 2P
   MT-RJ(F)-to-SC, Multimode, 62.5/125關m, Duplex, 1.60mm (.063), Standard Fiber Optic Cable Assembly, 5.0m (16.40)
0885237353 MOLEX10-0885237353 Datasheet
94Kb / 2P
   MT-RJ(F)-to-SC, Singlemode, 9/125關m/G652, Duplex, 1.60mm (.063), Standard Fiber Optic Cable Assembly, 15.0m (49.21)
0885237306 MOLEX10-0885237306 Datasheet
110Kb / 2P
   MT-RJ(F)-to-SC, Multimode, 62.5/125關m, Duplex, 1.60mm (.063), Standard Fiber Optic Cable Assembly, 10.0m (32.81)
0885237301 MOLEX10-0885237301 Datasheet
110Kb / 2P
   MT-RJ(F)-to-SC, Multimode, 62.5/125關m, Duplex, 1.60mm (.063), Standard Fiber Optic Cable Assembly, 2.0m (6.56)
0885237303 MOLEX10-0885237303 Datasheet
110Kb / 2P
   MT-RJ(F)-to-SC, Multimode, 62.5/125關m, Duplex, 1.60mm (.063), Standard Fiber Optic Cable Assembly, 4.0m (13.12)
0885237319 MOLEX10-0885237319 Datasheet
110Kb / 2P
   MT-RJ(F)-to-SC, Multimode, 62.5/125關m, Duplex, 1.60mm (.063), Standard Fiber Optic Cable Assembly, 20.0m (65.62)
0885237300 MOLEX10-0885237300 Datasheet
110Kb / 2P
   MT-RJ(F)-to-SC, Multimode, 62.5/125關m, Duplex, 1.60mm (.063), Standard Fiber Optic Cable Assembly, 1.0m (3.28)
0885237302 MOLEX10-0885237302 Datasheet
110Kb / 2P
   MT-RJ(F)-to-SC, Multimode, 62.5/125關m, Duplex, 1.60mm (.063), Standard Fiber Optic Cable Assembly, 3.0m (9.84)
88523-7305 MOLEX11-88523-7305 Datasheet
31Kb / 1P
   MT-RJ(F)-to-SC, Multimode, 62.5/125m, Duplex, 1.60mm, Standard Fiber Optic Cable Assembly, 15.0m
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com