Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

90130-3140 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 90130-3140
Description  2.54mm (.100) Pitch C-Grid III??Header, Dual Row, Right Angle, Shrouded, Fully Loaded, 40 Circuits, Black, 3關m (118關) Tin (Sn) over Nickel (Ni)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

90130-3140 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  90130-3140 Datasheet HTML 1Page - Molex Electronics Ltd. 90130-3140 Datasheet HTML 2Page - Molex Electronics Ltd. 90130-3140 Datasheet HTML 3Page - Molex Electronics Ltd. 90130-3140 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0901303140
Status:
Active
Overview:
cgrid_iii
Description:
2.54mm (.100") Pitch C-Grid III™ Header, Dual Row, Right Angle, Shrouded, Fully
Loaded, 40 Circuits, Black, 3µm (118µ") Tin (Sn) over Nickel (Ni)
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
General
Product Family
PCB Headers
Series
90130
Application
Wire-to-Board
Overview
cgrid_iii
Product Name
C-Grid III™
Physical
Breakaway
No
Circuits (Loaded)
40
Circuits (maximum)
40
Color - Resin
Black
Durability (mating cycles max)
30
First Mate / Last Break
No
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Polyester
Number of Rows
2
Orientation
Right Angle
PC Tail Length (in)
0.114 In
PC Tail Length (mm)
2.90 mm
PCB Locator
No
PCB Retention
None
PCB Thickness Recommended (in)
0.063 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Pitch - Term. Interface (in)
0.100 In
Pitch - Term. Interface (mm)
2.54 mm
Plating min: Mating (µin)
118
Plating min: Mating (µm)
3
Plating min: Termination (µin)
118
Plating min: Termination (µm)
3
Polarized to Mating Part
Yes
Polarized to PCB
No
Shrouded
Closed Ends
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-55°C to +125°C
Termination Interface: Style
Through Hole
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
90130Series
Mates With
90142 C-Grid III™ Crimp Housing


Similar Part No. - 90130-3140

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
90130-3144 MOLEX10-90130-3144 Datasheet
179Kb / 4P
   2.54mm (.100) Pitch C-Grid III??Header, Dual Row, Right Angle, Shrouded, Fully Loaded, 44 Circuits, Black, 3關m (118關) Tin (Sn) over Nickel (Ni)
More results

Similar Description - 90130-3140

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0901301140 MOLEX10-0901301140 Datasheet
596Kb / 7P
   2.54mm (.100) Pitch C-Grid III??Header, Dual Row, Vertical, Shrouded, Fully Loaded, 40 Circuits, Black, 3關m (118關) Tin (Sn) over Nickel (Ni)
0901303114 MOLEX10-0901303114 Datasheet
179Kb / 4P
   2.54mm (.100) Pitch C-Grid III??Header, Dual Row, Right Angle, Shrouded, Fully Loaded, 14 Circuits, Black, 3關m (118關) Tin (Sn) over Nickel (Ni)
0901303118 MOLEX10-0901303118 Datasheet
179Kb / 4P
   2.54mm (.100) Pitch C-Grid III??Header, Dual Row, Right Angle, Shrouded, Fully Loaded, 18 Circuits, Black, 3關m (118關) Tin (Sn) over Nickel (Ni)
0901303110 MOLEX10-0901303110 Datasheet
179Kb / 4P
   2.54mm (.100) Pitch C-Grid III??Header, Dual Row, Right Angle, Shrouded, Fully Loaded, 10 Circuits, Black, 3關m (118關) Tin (Sn) over Nickel (Ni)
0901303106 MOLEX10-0901303106 Datasheet
179Kb / 4P
   2.54mm (.100) Pitch C-Grid III??Header, Dual Row, Right Angle, Shrouded, Fully Loaded, 6 Circuits, Black, 3關m (118關) Tin (Sn) over Nickel (Ni)
0901303138 MOLEX10-0901303138 Datasheet
179Kb / 4P
   2.54mm (.100) Pitch C-Grid III??Header, Dual Row, Right Angle, Shrouded, Fully Loaded, 38 Circuits, Black, 3關m (118關) Tin (Sn) over Nickel (Ni)
0901303128 MOLEX10-0901303128 Datasheet
179Kb / 4P
   2.54mm (.100) Pitch C-Grid III??Header, Dual Row, Right Angle, Shrouded, Fully Loaded, 28 Circuits, Black, 3關m (118關) Tin (Sn) over Nickel (Ni)
0901303126 MOLEX10-0901303126 Datasheet
179Kb / 4P
   2.54mm (.100) Pitch C-Grid III??Header, Dual Row, Right Angle, Shrouded, Fully Loaded, 26 Circuits, Black, 3關m (118關) Tin (Sn) over Nickel (Ni)
0901303120 MOLEX10-0901303120 Datasheet
179Kb / 4P
   2.54mm (.100) Pitch C-Grid III??Header, Dual Row, Right Angle, Shrouded, Fully Loaded, 20 Circuits, Black, 3關m (118關) Tin (Sn) over Nickel (Ni)
0901303116 MOLEX10-0901303116 Datasheet
179Kb / 4P
   2.54mm (.100) Pitch C-Grid III??Header, Dual Row, Right Angle, Shrouded, Fully Loaded, 16 Circuits, Black, 3關m (118關) Tin (Sn) over Nickel (Ni)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com