Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

885239995 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 885239995
Description  LC-to-FC, Singlemode, Simplex, 2.00mm (.079), Standard Fiber Optic Assembly, 15.0m (49.21)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

885239995 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  885239995 Datasheet HTML 1Page - Molex Electronics Ltd. 885239995 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - 885239995

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
885239990 MOLEX10-885239990 Datasheet
76Kb / 2P
   SC/APC-to-Pigtail, Singlemode, Waterproof, 9/125關m/G652, Simplex, 1F, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 5.0m (16.40)
885239991 MOLEX10-885239991 Datasheet
81Kb / 2P
   LC-to-FC, Singlemode, Simplex, 2.00mm (.079), Standard Fiber Optic Assembly, 10.0m (32.8)
885239992 MOLEX10-885239992 Datasheet
81Kb / 2P
   LC-to-FC, Singlemode, Simplex, 2.00mm (.079), Standard Fiber Optic Assembly, 12.0m (39.37)
885239993 MOLEX10-885239993 Datasheet
81Kb / 2P
   LC-to-FC, Singlemode, Simplex, 2.00mm (.079), Standard Fiber Optic Assembly, 30.0m (98.40)
885239998 MOLEX10-885239998 Datasheet
87Kb / 2P
   FC/APC-to-FC/APC, Singlemode, 9/125關m/G652, Simplex, 2.00mm (.079), Standard Fiber Optic Cable Assembly, 10.0m (32.81), Waterproof
More results

Similar Description - 885239995

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
88523-9995 MOLEX11-88523-9995 Datasheet
27Kb / 1P
   LC-to-FC, Singlemode, Simplex, 2.00mm, Standard Fiber Optic Assembly, 15.0m
0885239988 MOLEX10-0885239988 Datasheet
82Kb / 2P
   LC-to-FC, Singlemode, Simplex, 2.00mm (.079), Standard Fiber Optic Assembly, 3.0m (9.84)
0885239993 MOLEX10-0885239993 Datasheet
81Kb / 2P
   LC-to-FC, Singlemode, Simplex, 2.00mm (.079), Standard Fiber Optic Assembly, 30.0m (98.40)
0885239992 MOLEX10-0885239992 Datasheet
81Kb / 2P
   LC-to-FC, Singlemode, Simplex, 2.00mm (.079), Standard Fiber Optic Assembly, 12.0m (39.37)
0885238314 MOLEX10-0885238314 Datasheet
88Kb / 2P
   LC-to-LC, Singlemode, 9/125關m/G652, Simplex, 2.00mm (.079), Standard Fiber Optic Cable Assembly, 15.0m (49.21)
0885239991 MOLEX10-0885239991 Datasheet
81Kb / 2P
   LC-to-FC, Singlemode, Simplex, 2.00mm (.079), Standard Fiber Optic Assembly, 10.0m (32.8)
0885239989 MOLEX10-0885239989 Datasheet
81Kb / 2P
   LC-to-FC, Singlemode, Simplex, 2.00mm (.079), Standard Fiber Optic Assembly, 20.0m (65.6)
0885238303 MOLEX10-0885238303 Datasheet
88Kb / 2P
   LC-to-LC, Singlemode, 9/125關m/G652, Simplex, 2.00mm (.079), Standard Fiber Optic Cable Assembly, 15.0m (49.21)
0885239314 MOLEX10-0885239314 Datasheet
90Kb / 2P
   FC/UPC-to-LC/UPC, Singlemode, 9/125關m/G652, Simplex, 2.00mm (.079), Standard Fiber Optic Cable Assembly, 15.0m (49.21)
88523-9989 MOLEX11-88523-9989 Datasheet
27Kb / 1P
   LC-to-FC, Singlemode, Simplex, 2.00mm, Standard Fiber Optic Assembly, 20.0m
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com