Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

90130-1268 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 90130-1268
Description  2.54mm (.100) Pitch C-Grid III??Header, Dual Row, Vertical, Shrouded, Fully Loaded, 68 Circuits, Black 0.38關m (15關) Gold (Au) Selective Plating
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

90130-1268 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  90130-1268 Datasheet HTML 1Page - Molex Electronics Ltd. 90130-1268 Datasheet HTML 2Page - Molex Electronics Ltd. 90130-1268 Datasheet HTML 3Page - Molex Electronics Ltd. 90130-1268 Datasheet HTML 4Page - Molex Electronics Ltd. 90130-1268 Datasheet HTML 5Page - Molex Electronics Ltd. 90130-1268 Datasheet HTML 6Page - Molex Electronics Ltd. 90130-1268 Datasheet HTML 7Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
This document was generated on 05/25/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0901301268
Status:
Active
Overview:
cgrid_iii
Description:
2.54mm (.100") Pitch C-Grid III™ Header, Dual Row, Vertical, Shrouded, Fully Loaded,
68 Circuits, Black 0.38µm (15µ") Gold (Au) Selective Plating
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
General
Product Family
PCB Headers
Series
90130
Application
Wire-to-Board
Overview
cgrid_iii
Product Name
C-Grid III™
Physical
Breakaway
No
Circuits (Loaded)
68
Circuits (maximum)
68
Color - Resin
Black
Durability (mating cycles max)
100
First Mate / Last Break
No
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Metal
Brass
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
Polyester
Number of Rows
2
Orientation
Vertical
PC Tail Length (in)
0.114 In
PC Tail Length (mm)
2.90 mm
PCB Locator
No
PCB Retention
None
PCB Thickness Recommended (in)
0.063 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Pitch - Term. Interface (in)
0.100 In
Pitch - Term. Interface (mm)
2.54 mm
Plating min: Mating (µin)
15.2
Plating min: Mating (µm)
0.38
Plating min: Termination (µin)
120
Plating min: Termination (µm)
3
Polarized to Mating Part
Yes
Polarized to PCB
No
Shrouded
Closed Ends
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-55°C to +125°C
Termination Interface: Style
Through Hole
Series
image - Reference only
EU RoHS
China RoHS
Compliance Status
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
90130Series
Mates With
90142 C-Grid III™ Crimp Housing


Similar Part No. - 90130-1268

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
90130-1206 MOLEX10-90130-1206 Datasheet
596Kb / 7P
   2.54mm (.100) Pitch C-Grid III??Header, Dual Row, Vertical, Shrouded, Fully Loaded, 6 Circuits, Black, 0.38關m (15關) Gold (Au) Selective Plating
90130-1208 MOLEX10-90130-1208 Datasheet
596Kb / 7P
   2.54mm (.100) Pitch C-Grid III??Header, Dual Row, Vertical, Shrouded, Fully Loaded 8 Circuits, Black, 0.38關m (15關) Gold (Au) Selective Plating
90130-1210 MOLEX10-90130-1210 Datasheet
596Kb / 7P
   2.54mm (.100) Pitch C-Grid III??Header, Dual Row, Vertical, Shrouded, Fully Loaded, 10 Circuits, Black, 0.38關m (15關) Gold (Au) Selective Plating
90130-1212 MOLEX10-90130-1212 Datasheet
596Kb / 7P
   2.54mm (.100) Pitch C-Grid III??Header, Dual Row, Vertical, Shrouded, Fully Loaded, 12 Circuits, Black, 0.38關m (15關) Gold (Au) Selective Plating
90130-1214 MOLEX10-90130-1214 Datasheet
596Kb / 7P
   2.54mm (.100) Pitch C-Grid III??Header, Dual Row, Vertical, Shrouded, Fully Loaded, 14 Circuits, Black, 0.38關m (15關) Gold (Au) Selective Plating
More results

Similar Description - 90130-1268

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0901301254 MOLEX10-0901301254 Datasheet
596Kb / 7P
   2.54mm (.100) Pitch C-Grid III??Header, Dual Row, Vertical, Shrouded, Fully Loaded, 54 Circuits, Black, 0.38關m (15關) Gold (Au) Selective Plating
0901301250 MOLEX10-0901301250 Datasheet
596Kb / 7P
   2.54mm (.100) Pitch C-Grid III??Header, Dual Row, Vertical, Shrouded, Fully Loaded, 50 Circuits, Black, 0.38關m (15關) Gold (Au) Selective Plating
0901301230 MOLEX10-0901301230 Datasheet
1Mb / 12P
   2.54mm (.100) Pitch C-Grid III??Header, Dual Row, Vertical, Shrouded, Fully Loaded, 30 Circuits, Black, 0.38關m (15關) Gold (Au) Selective Plating
0901301220 MOLEX10-0901301220 Datasheet
596Kb / 7P
   2.54mm (.100) Pitch C-Grid III??Header, Dual Row, Vertical, Shrouded, Fully Loaded, 20 Circuits, Black, 0.38關m (15關) Gold (Au) Selective Plating
0901301234 MOLEX10-0901301234 Datasheet
596Kb / 7P
   2.54mm (.100) Pitch C-Grid III??Header, Dual Row, Vertical, Shrouded, Fully Loaded, 34 Circuits, Black, 0.38關m (15關) Gold (Au) Selective Plating
0901301210 MOLEX10-0901301210 Datasheet
596Kb / 7P
   2.54mm (.100) Pitch C-Grid III??Header, Dual Row, Vertical, Shrouded, Fully Loaded, 10 Circuits, Black, 0.38關m (15關) Gold (Au) Selective Plating
0901301226 MOLEX10-0901301226 Datasheet
596Kb / 7P
   2.54mm (.100) Pitch C-Grid III??Header, Dual Row, Vertical, Shrouded, Fully Loaded, 26 Circuits, Black, 0.38關m (15關) Gold (Au) Selective Plating
0901301214 MOLEX10-0901301214 Datasheet
596Kb / 7P
   2.54mm (.100) Pitch C-Grid III??Header, Dual Row, Vertical, Shrouded, Fully Loaded, 14 Circuits, Black, 0.38關m (15關) Gold (Au) Selective Plating
0901301216 MOLEX10-0901301216 Datasheet
596Kb / 7P
   2.54mm (.100") Pitch C-Grid III??Header, Dual Row, Vertical, Shrouded, Fully Loaded, 16 Circuits, Black, 0.38關m (15關") Gold (Au) Selective Plating
0901301206 MOLEX10-0901301206 Datasheet
596Kb / 7P
   2.54mm (.100) Pitch C-Grid III??Header, Dual Row, Vertical, Shrouded, Fully Loaded, 6 Circuits, Black, 0.38關m (15關) Gold (Au) Selective Plating
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com