Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

90148-1203 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 90148-1203
Description  2.54mm (.100) Pitch C-Grid짰 PC Board Connector, Single Row, Right Angle, 0.38關m (15關) Gold (Au) Selective, 3 Circuits
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

90148-1203 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  90148-1203 Datasheet HTML 1Page - Molex Electronics Ltd. 90148-1203 Datasheet HTML 2Page - Molex Electronics Ltd. 90148-1203 Datasheet HTML 3Page - Molex Electronics Ltd. 90148-1203 Datasheet HTML 4Page - Molex Electronics Ltd. 90148-1203 Datasheet HTML 5Page - Molex Electronics Ltd. 90148-1203 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Temperature Range - Operating
-55°C to +125°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
3A
Grounding to PCB
No
Voltage - Maximum
350V AC/DC
Solder Process Data
Lead-free Process Capability
Wave Capable (TH only)
Material Info
Reference - Drawing Numbers
Sales Drawing
SDA-90148
This document was generated on 05/24/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 90148-1203

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
90148-1202 MOLEX10-90148-1202 Datasheet
370Kb / 6P
   2.54mm (.100) Pitch C-Grid짰 PC Board Connector, Single Row, Right Angle, 0.38關m (15關) Gold (Au) Selective, 2 Circuits
90148-1204 MOLEX10-90148-1204 Datasheet
370Kb / 6P
   2.54mm (.100) Pitch C-Grid짰 PC Board Connector, Single Row, Right Angle, 0.38關m (15關) Gold (Au) Selective, 4 Circuits
90148-1205 MOLEX10-90148-1205 Datasheet
370Kb / 6P
   2.54mm (.100) Pitch C-Grid짰 PC Board Connector, Single Row, Right Angle, 0.38關m (15關) Gold (Au) Selective, 5 Circuits
90148-1206 MOLEX10-90148-1206 Datasheet
370Kb / 3P
   2.54mm (.100) Pitch C-Grid짰 PC Board Connector, Single Row, Right Angle, 0.38關m (15關) Gold (Au) Selective, 6 Circuits
90148-1207 MOLEX10-90148-1207 Datasheet
370Kb / 6P
   2.54mm (.100) Pitch C-Grid짰 PC Board Connector, Single Row, Right Angle, 0.38關m (15關) Gold (Au) Selective, 7 Circuits
More results

Similar Description - 90148-1203

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0901481215 MOLEX10-0901481215 Datasheet
370Kb / 6P
   2.54mm (.100) Pitch C-Grid짰 PC Board Connector, Single Row, Right Angle, 0.38關m (15關) Gold (Au) Selective, 15 Circuits
0901481205 MOLEX10-0901481205 Datasheet
370Kb / 6P
   2.54mm (.100) Pitch C-Grid짰 PC Board Connector, Single Row, Right Angle, 0.38關m (15關) Gold (Au) Selective, 5 Circuits
0901481204 MOLEX10-0901481204 Datasheet
370Kb / 6P
   2.54mm (.100) Pitch C-Grid짰 PC Board Connector, Single Row, Right Angle, 0.38關m (15關) Gold (Au) Selective, 4 Circuits
0901481207 MOLEX10-0901481207 Datasheet
370Kb / 6P
   2.54mm (.100) Pitch C-Grid짰 PC Board Connector, Single Row, Right Angle, 0.38關m (15關) Gold (Au) Selective, 7 Circuits
0901481208 MOLEX10-0901481208 Datasheet
370Kb / 6P
   2.54mm (.100) Pitch C-Grid짰 PC Board Connector, Single Row, Right Angle, 0.38關m (15關) Gold (Au) Selective, 8 Circuits
0901481218 MOLEX10-0901481218 Datasheet
370Kb / 6P
   2.54mm (.100) Pitch C-Grid짰 PC Board Connector, Single Row, Right Angle, 0.38關m (15關) Gold (Au) Selective, 18 Circuits
0901481209 MOLEX10-0901481209 Datasheet
370Kb / 6P
   2.54mm (.100) Pitch C-Grid짰 PC Board Connector, Single Row, Right Angle, 0.38關m (15關) Gold (Au) Selective, 9 Circuits
0901481212 MOLEX10-0901481212 Datasheet
370Kb / 6P
   2.54mm (.100) Pitch C-Grid짰 PC Board Connector, Single Row, Right Angle, 0.38關m (15關) Gold (Au) Selective, 12 Circuits
0901481230 MOLEX10-0901481230 Datasheet
370Kb / 6P
   2.54mm (.100) Pitch C-Grid짰 PC Board Connector, Single Row, Right Angle, 0.38關m (15關) Gold (Au) Selective, 30 Circuits
0901481220 MOLEX10-0901481220 Datasheet
370Kb / 6P
   2.54mm (.100) Pitch C-Grid짰 PC Board Connector, Single Row, Right Angle, 0.38關m (15關) Gold (Au) Selective, 20 Circuits
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com