Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4614 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # 2SC4614
Description  High-Voltage Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC4614 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  2SC4614 Datasheet HTML 1Page - Sanyo Semicon Device 2SC4614 Datasheet HTML 2Page - Sanyo Semicon Device 2SC4614 Datasheet HTML 3Page - Sanyo Semicon Device 2SC4614 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image


Similar Part No. - 2SC4614

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC4614 SANYO-2SC4614 Datasheet
515Kb / 7P
   High-Voltage Switching Applications
2SC4614 SANYO-2SC4614 Datasheet
515Kb / 7P
   High-Voltage Switching Applications
logo
ON Semiconductor
2SC4614S-AN ONSEMI-2SC4614S-AN Datasheet
609Kb / 7P
   Bipolar Transistor (-)160V, (-)1.5A, Low VCE(sat), (PNP)NPN Single NMP
August, 2013
logo
Sanyo Semicon Device
2SC4614S-AN SANYO-2SC4614S-AN Datasheet
515Kb / 7P
   High-Voltage Switching Applications
logo
ON Semiconductor
2SC4614T-AN ONSEMI-2SC4614T-AN Datasheet
609Kb / 7P
   Bipolar Transistor (-)160V, (-)1.5A, Low VCE(sat), (PNP)NPN Single NMP
August, 2013
More results

Similar Description - 2SC4614

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH3140 SANYO-CPH3140 Datasheet
47Kb / 4P
   High-Voltage Switching Applications
2SA1592 SANYO-2SA1592 Datasheet
128Kb / 4P
   High-Voltage Switching Applications
2SA1768 SANYO-2SA1768_12 Datasheet
489Kb / 7P
   High-Voltage Switching Applications
2SA1770 SANYO-2SA1770_12 Datasheet
515Kb / 7P
   High-Voltage Switching Applications
logo
Toshiba Semiconductor
2SC5361 TOSHIBA-2SC5361_04 Datasheet
147Kb / 5P
   High-Voltage Switching Applications
logo
Sanyo Semicon Device
2SA1417_0608 SANYO-2SA1417_0608 Datasheet
63Kb / 5P
   High-Voltage Switching Applications
logo
Toshiba Semiconductor
2SC5548 TOSHIBA-2SC5548_05 Datasheet
202Kb / 5P
   High Voltage Switching Applications
logo
Sanyo Semicon Device
2SA1768 SANYO-2SA1768 Datasheet
120Kb / 4P
   High-Voltage Switching Applications
2SC4450 SANYO-2SC4450 Datasheet
80Kb / 3P
   High-Voltage Switching Applications
2SC4451 SANYO-2SC4451 Datasheet
83Kb / 3P
   High-Voltage Switching Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com