Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

90148-1325 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 90148-1325
Description  2.54mm (.100) Pitch C-Grid짰 PC Board Connector, Single Row, Right Angle, 0.8關m (30關) Gold (Au) Selective, 25 Circuits
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

90148-1325 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  90148-1325 Datasheet HTML 1Page - Molex Electronics Ltd. 90148-1325 Datasheet HTML 2Page - Molex Electronics Ltd. 90148-1325 Datasheet HTML 3Page - Molex Electronics Ltd. 90148-1325 Datasheet HTML 4Page - Molex Electronics Ltd. 90148-1325 Datasheet HTML 5Page - Molex Electronics Ltd. 90148-1325 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Temperature Range - Operating
-55°C to +125°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
3A
Grounding to PCB
No
Voltage - Maximum
350V AC/DC
Material Info
Reference - Drawing Numbers
Sales Drawing
SDA-90148
This document was generated on 05/24/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 90148-1325

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
90148-1322 MOLEX10-90148-1322 Datasheet
370Kb / 6P
   2.54mm (.100) Pitch C-Grid짰 PC Board Connector, Single Row, Right Angle, 0.8關m (30關) Gold (Au) Selective, 22 Circuits
90148-1326 MOLEX10-90148-1326 Datasheet
362Kb / 6P
   2.54mm (.100) Pitch C-Grid짰 PC Board Connector, Single Row, Right Angle, 0.8關m (30關) Gold (Au) Selective, 26 Circuits
More results

Similar Description - 90148-1325

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0901481330 MOLEX10-0901481330 Datasheet
370Kb / 6P
   2.54mm (.100) Pitch C-Grid짰 PC Board Connector, Single Row, Right Angle, 0.8關m (30關) Gold (Au) Selective, 30 Circuits
0901481322 MOLEX10-0901481322 Datasheet
370Kb / 6P
   2.54mm (.100) Pitch C-Grid짰 PC Board Connector, Single Row, Right Angle, 0.8關m (30關) Gold (Au) Selective, 22 Circuits
0901483391 MOLEX10-0901483391 Datasheet
114Kb / 3P
   2.54mm (.100) Pitch C-Grid짰 PC Board Connector, Single Row, Right Angle, 0.8關m (30關) Gold (Au) Selective, 3 Circuits
0901481326 MOLEX10-0901481326 Datasheet
362Kb / 6P
   2.54mm (.100) Pitch C-Grid짰 PC Board Connector, Single Row, Right Angle, 0.8關m (30關) Gold (Au) Selective, 26 Circuits
0901483301 MOLEX10-0901483301 Datasheet
346Kb / 6P
   2.54mm (.100) Pitch C-Grid짰 PC Board Connector, Single Row, Right Angle, 0.8關m (30關) Gold (Au) Selective, 1 Circuits
0901481332 MOLEX10-0901481332 Datasheet
370Kb / 6P
   2.54mm (.100) Pitch C-Grid짰 PC Board Connector, Single Row, Right Angle, 0.8關m (30關) Gold (Au) Selective, 32 Circuits
0901481116 MOLEX10-0901481116 Datasheet
370Kb / 6P
   2.54mm (.100) Pitch C-Grid짰 PC Board Connector, Single Row, Right Angle, 0.8關m (30關) Gold (Au) Selective, 16 Circuits
0901481125 MOLEX10-0901481125 Datasheet
370Kb / 6P
   2.54mm (.100) Pitch C-Grid짰 PC Board Connector, Single Row, Right Angle, 0.38關m (15關) Gold (Au) Selective, 25 Circuits
0901481230 MOLEX10-0901481230 Datasheet
370Kb / 6P
   2.54mm (.100) Pitch C-Grid짰 PC Board Connector, Single Row, Right Angle, 0.38關m (15關) Gold (Au) Selective, 30 Circuits
0901481205 MOLEX10-0901481205 Datasheet
370Kb / 6P
   2.54mm (.100) Pitch C-Grid짰 PC Board Connector, Single Row, Right Angle, 0.38關m (15關) Gold (Au) Selective, 5 Circuits
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com