Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

885237900 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 885237900
Description  FC/UPC-to-FC/UPC, Singlemode, 9/125關m/G652, Simplex, 2.00mm (.079), Standard Fiber Optic Cable Assembly, 1.0m (3.28)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

885237900 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  885237900 Datasheet HTML 1Page - Molex Electronics Ltd. 885237900 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0885237900
Status:
Active
Overview:
fiber_optic_product_families
Description:
FC/UPC-to-FC/UPC, Singlemode, 9/125µm/G652, Simplex, 2.00mm (.079"), Standard
Fiber Optic Cable Assembly, 1.0m (3.28' )
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Fiber Optic Assemblies
Series
88523
Connector to Connector
FC/UPC-to-FC/UPC
Mode
Singlemode
Overview
fiber_optic_product_families
Product Name
FC
Physical
Cable Length
1.0m (3.28' )
Cable Size
2.00mm (.079")
Fiber (Core/Cladding)
9/125µm/G652
Single Ended
No
Wire/Cable Type
Simplex
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-88523-002
EU RoHS
China RoHS
RoHS Compliant by
Exemption
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
88523Series
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 885237900

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
885237901 MOLEX10-885237901 Datasheet
78Kb / 2P
   FC/UPC-to-FC/UPC, Singlemode, 9/125關m/G652, Simplex, 2.00mm (.079), Standard Fiber Optic Cable Assembly, 2.0m (6.56)
885237902 MOLEX10-885237902 Datasheet
78Kb / 2P
   FC/UPC-to-FC/UPC, Singlemode, 9/125關m/G652, Simplex, 2.00mm (.079), Standard Fiber Optic Cable Assembly, 3.0m (9.84)
885237903 MOLEX10-885237903 Datasheet
78Kb / 2P
   FC/UPC-to-FC/UPC, Singlemode, 9/125關m/G652, Simplex, 2.00mm (.079), Standard Fiber Optic Cable Assembly, 5.0m (16.40)
885237904 MOLEX10-885237904 Datasheet
79Kb / 2P
   FC/UPC-to-FC/UPC, Singlemode, 9/125關m/G652, Simplex, 2.00mm (.079), Standard Fiber Optic Cable Assembly, 10.0m (32.81)
More results

Similar Description - 885237900

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0885239300 MOLEX10-0885239300 Datasheet
90Kb / 2P
   FC/UPC-to-LC/UPC, Singlemode, 9/125關m/G652, Simplex, 2.00mm (.079), Standard Fiber Optic Cable Assembly, 1.0m (3.28)
0885232300 MOLEX10-0885232300 Datasheet
83Kb / 2P
   FC/UPC-to-SC/UPC, Singlemode, 9/125關m/G652, Simplex, 2.00mm (.079), Standard Fiber Optic Cable Assembly, 1.0m (3.28)
0885233000 MOLEX10-0885233000 Datasheet
78Kb / 2P
   FC/UPC-to-ST/UPC, Singlemode, 9/125關m/G652, Simplex, 2.00mm (.079), Standard Fiber Optic Cable Assembly, 1.0m (3.28)
0885231000 MOLEX10-0885231000 Datasheet
77Kb / 2P
   FC/UPC-to-FC/UPC, Singlemode, 9/125關m/G652, Simplex, 0.90mm (.035), Standard Fiber Optic Cable Assembly, 1.0m (3.28)
0885230000 MOLEX10-0885230000 Datasheet
119Kb / 2P
   FC/UPC-to-FC/UPC, Singlemode, 9/125關m/G652, Simplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 1.0m (3.28)
0885237901 MOLEX10-0885237901 Datasheet
78Kb / 2P
   FC/UPC-to-FC/UPC, Singlemode, 9/125關m/G652, Simplex, 2.00mm (.079), Standard Fiber Optic Cable Assembly, 2.0m (6.56)
0885233600 MOLEX10-0885233600 Datasheet
80Kb / 2P
   FC/UPC-to-ST/UPC, Singlemode, 9/125關m/G655, Simplex, 2.00mm (.079), Standard Fiber Optic Cable Assembly, 1.0m (3.28)
88523-7900 MOLEX11-88523-7900 Datasheet
27Kb / 1P
   FC/UPC-to-FC/UPC, Singlemode, 9/125m/G652, Simplex, 2.00mm, Standard Fiber Optic Cable Assembly, 1.0m
0885237903 MOLEX10-0885237903 Datasheet
78Kb / 2P
   FC/UPC-to-FC/UPC, Singlemode, 9/125關m/G652, Simplex, 2.00mm (.079), Standard Fiber Optic Cable Assembly, 5.0m (16.40)
0885237904 MOLEX10-0885237904 Datasheet
79Kb / 2P
   FC/UPC-to-FC/UPC, Singlemode, 9/125關m/G652, Simplex, 2.00mm (.079), Standard Fiber Optic Cable Assembly, 10.0m (32.81)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com