Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

885236499 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 885236499
Description  SC/APC-to-SC/PC, Singlemode, 9/125關m/G652, Simplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 2.15m (.085)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

885236499 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  885236499 Datasheet HTML 1Page - Molex Electronics Ltd. 885236499 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0885236499
Status:
Active
Overview:
fiber_optic_product_families
Description:
SC/APC-to-SC/PC, Singlemode, 9/125µm/G652, Simplex, 3.00mm (.118"), Standard
Fiber Optic Cable Assembly, 2.15m (.085' )
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Fiber Optic Assemblies
Series
88523
Connector to Connector
SC/APC-to-SC/PC
Mode
Singlemode
Overview
fiber_optic_product_families
Product Name
SC
Physical
Cable Length
2.15m (7.05' )
Cable Size
3.00mm (.118")
Fiber (Core/Cladding)
9/125µm/G652
Single Ended
No
Wire/Cable Type
Simplex
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-88523-057
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
88523Series
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 885236499

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
885236400 MOLEX10-885236400 Datasheet
96Kb / 2P
   SC/PC-to-SC/APC, Singlemode, 9/125關m/G652, Simplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 1.0m (3.28)
885236401 MOLEX10-885236401 Datasheet
96Kb / 2P
   SC/PC-to-SC/APC, Singlemode, 9/125關m/G652, Simplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 2.0m (6.56)
885236402 MOLEX10-885236402 Datasheet
96Kb / 2P
   SC/PC-to-SC/APC, Singlemode, 9/125關m/G652, Simplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 3.0m (9.84)
885236404 MOLEX10-885236404 Datasheet
96Kb / 2P
   SC/PC-to-SC/APC, Singlemode, 9/125關m/G652, Simplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 5.0m (16.40)
885236409 MOLEX10-885236409 Datasheet
96Kb / 2P
   SC/PC-to-SC/APC, Singlemode, 9/125關m/G652, Simplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 10.0m (32.81)
More results

Similar Description - 885236499

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0885236409 MOLEX10-0885236409 Datasheet
96Kb / 2P
   SC/PC-to-SC/APC, Singlemode, 9/125關m/G652, Simplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 10.0m (32.81)
0885236414 MOLEX10-0885236414 Datasheet
96Kb / 2P
   SC/APC-to-SC/PC, Singlemode, 9/125關m/G652, Simplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 15.0m (49.21)
0885236411 MOLEX10-0885236411 Datasheet
96Kb / 2P
   SC/APC-to-SC/PC, Singlemode, 9/125關m/G652, Simplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 12.0m (39.37)
0885236402 MOLEX10-0885236402 Datasheet
96Kb / 2P
   SC/PC-to-SC/APC, Singlemode, 9/125關m/G652, Simplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 3.0m (9.84)
0885236404 MOLEX10-0885236404 Datasheet
96Kb / 2P
   SC/PC-to-SC/APC, Singlemode, 9/125關m/G652, Simplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 5.0m (16.40)
0885236401 MOLEX10-0885236401 Datasheet
96Kb / 2P
   SC/PC-to-SC/APC, Singlemode, 9/125關m/G652, Simplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 2.0m (6.56)
0885236400 MOLEX10-0885236400 Datasheet
96Kb / 2P
   SC/PC-to-SC/APC, Singlemode, 9/125關m/G652, Simplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 1.0m (3.28)
0885234500 MOLEX10-0885234500 Datasheet
99Kb / 2P
   SC/APC-to-SC/APC, Singlemode, 9/125關m/G652, Simplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 1.0m (3.28)
0885234504 MOLEX10-0885234504 Datasheet
99Kb / 2P
   SC/APC-to-SC/APC, Singlemode, 9/125關m/G652, Simplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 5.0m (16.40)
0885234502 MOLEX10-0885234502 Datasheet
99Kb / 2P
   SC/APC-to-SC/APC, Singlemode, 9/125關m/G652, Simplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 3.0m (9.84)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com