Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

90152-2320 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 90152-2320
Description  2.54mm (.100) Pitch C-Grid III??PC Board Connector, Dual Row, Right Angle, Straight PCB Pins 0.76關m (29關) Gold (Au) Selective, 20 Circuits
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

90152-2320 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  90152-2320 Datasheet HTML 1Page - Molex Electronics Ltd. 90152-2320 Datasheet HTML 2Page - Molex Electronics Ltd. 90152-2320 Datasheet HTML 3Page - Molex Electronics Ltd. 90152-2320 Datasheet HTML 4Page - Molex Electronics Ltd. 90152-2320 Datasheet HTML 5Page - Molex Electronics Ltd. 90152-2320 Datasheet HTML 6Page - Molex Electronics Ltd. 90152-2320 Datasheet HTML 7Page - Molex Electronics Ltd. 90152-2320 Datasheet HTML 8Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
This document was generated on 05/24/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0901522320
Status:
Active
Overview:
cgrid__sl_products
Description:
2.54mm (.100") Pitch C-Grid III™ PC Board Connector, Dual Row, Right Angle,
Straight PCB Pins 0.76µm (29µ") Gold (Au) Selective, 20 Circuits
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
General
Product Family
PCB Receptacles
Series
90152
Application
Board-to-Board
Overview
cgrid__sl_products
Product Name
C-Grid III™
Physical
Circuits (Loaded)
20
Color - Resin
Black
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
No
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
Polyester
Number of Rows
2
Orientation
Right Angle
PC Tail Length (in)
0.114 In
PC Tail Length (mm)
2.90 mm
PCB Locator
No
PCB Retention
None
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tube
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Plating min: Mating (µin)
30.4
Plating min: Mating (µm)
0.76
Plating min: Termination (µin)
120
Plating min: Termination (µm)
3
Polarized to PCB
No
Temperature Range - Operating
-55°C to +125°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
3A
Grounding to PCB
No
Voltage - Maximum
350V
Solder Process Data
Lead-free Process Capability
Wave Capable (TH only)
Material Info
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
90152Series
Mates With
90122 , 90131


Similar Part No. - 90152-2320

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
90152-2326 MOLEX10-90152-2326 Datasheet
560Kb / 8P
   2.54mm (.100) Pitch C-Grid III??PC Board Connector, Dual Row, Right Angle, Straight PCB Pins 0.76關m (29關) Gold (Au) Selective, 26 Circuits
More results

Similar Description - 90152-2320

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0901522306 MOLEX10-0901522306 Datasheet
560Kb / 3P
   2.54mm (.100) Pitch C-Grid III??PC Board Connector, Dual Row, Right Angle, Straight PCB Pins 0.76關m (29關) Gold (Au) Selective, 6 Circuits
0901522316 MOLEX10-0901522316 Datasheet
560Kb / 8P
   2.54mm (.100) Pitch C-Grid III??PC Board Connector, Dual Row, Right Angle, Straight PCB Pins 0.76關m (29關) Gold (Au) Selective, 16 Circuits
0901522364 MOLEX10-0901522364 Datasheet
560Kb / 8P
   2.54mm (.100) Pitch C-Grid III??PC Board Connector, Dual Row, Right Angle, Straight PCB Pins 0.76關m (29關) Gold (Au) Selective, 64 Circuits
0901522310 MOLEX10-0901522310 Datasheet
560Kb / 8P
   2.54mm (.100) Pitch C-Grid III??PC Board Connector, Dual Row, Right Angle, Straight PCB Pins 0.76關m (29關) Gold (Au) Selective, 10 Circuits
0901522314 MOLEX10-0901522314 Datasheet
560Kb / 8P
   2.54mm (.100) Pitch C-Grid III??PC Board Connector, Dual Row, Right Angle, Straight PCB Pins 0.76關m (29關) Gold (Au) Selective, 14 Circuits
0901522340 MOLEX10-0901522340 Datasheet
560Kb / 8P
   2.54mm (.100) Pitch C-Grid III??PC Board Connector, Dual Row, Right Angle, Straight PCB Pins 0.76關m (29關) Gold (Au) Selective, 40 Circuits
0901522326 MOLEX10-0901522326 Datasheet
560Kb / 8P
   2.54mm (.100) Pitch C-Grid III??PC Board Connector, Dual Row, Right Angle, Straight PCB Pins 0.76關m (29關) Gold (Au) Selective, 26 Circuits
0901522312 MOLEX10-0901522312 Datasheet
560Kb / 8P
   2.54mm (.100) Pitch C-Grid III??PC Board Connector, Dual Row, Right Angle, Straight PCB Pins 0.76關m (29關) Gold (Au) Selective, 12 Circuits
0901522304 MOLEX10-0901522304 Datasheet
560Kb / 8P
   2.54mm (.100) Pitch C-Grid III??PC Board Connector, Dual Row, Right Angle, Straight PCB Pins 0.76關m (29關) Gold (Au) Selective, 4 Circuits
0901522334 MOLEX10-0901522334 Datasheet
560Kb / 8P
   2.54mm (.100) Pitch C-Grid III??PC Board Connector, Dual Row, Right Angle, Straight PCB Pins 0.76關m (29關) Gold (Au) Selective, 34 Circuits
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com