Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1200905076 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1200905076
Description  Nano-Change짰 (M8) Receptacle, M8 x 0.5 Mounting Threads
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1200905076 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1200905076 Datasheet HTML 1Page - Molex Electronics Ltd. 1200905076 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 05/20/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1200905076
Status:
Active
Overview:
nanochange_40m841_products
Description:
Nano-Change® (M8) Receptacle, M8 x 0.5 Mounting Threads, Straight Female, Male
Length 0.20m (7.87") Length, with 4 Poles on Mating Side
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Industrial Receptacles
Series
120090
IP Rating
IP67
NEMA Rating
NEMA 6
Overview
nanochange_40m841_products
Product Name
Nano-Change® (M8)
Type
Single Ended (pigtail)
Physical
Coupling Type
Internal Thread
Gender
Female
Keyway
None
Length
0.20m (7.87")
Material - Component
Nickel-plated Brass
Mounting Thread Size
M8 x 0.5
Orientation
Straight
Panel Mount
Back, Front
Poles
4
Temperature Range - Operating
-25°C to +90°C
Wire Size AWG
24
Wire/Cable Type
Leads
Electrical
Current - Maximum per Contact
4A
Voltage - Maximum
60V AC / 75V DC
Material Info
Old Part Number
4R4F30E02C200
Reference - Drawing Numbers
Sales Drawing
SD-120090-002
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
120090Series
This document was generated on 05/20/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 1200905076

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1200905076 MOLEX-1200905076_V01 Datasheet
36Kb / 1P
   Nano-Change (M8) Receptacle, M8 x 0.5 Mounting Threads, Female
More results

Similar Description - 1200905076

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1200905076 MOLEX-1200905076_V01 Datasheet
36Kb / 1P
   Nano-Change (M8) Receptacle, M8 x 0.5 Mounting Threads, Female
1200905071 MOLEX-1200905071_V01 Datasheet
36Kb / 1P
   Nano-Change (M8) Receptacle, M8 x 0.5 Mounting Threads, Female
1200905106 MOLEX-1200905106_V01 Datasheet
36Kb / 1P
   Nano-Change (M8) Receptacle, M8 x 0.5 Mounting Threads, Female
1200908037 MOLEX-1200908037 Datasheet
24Kb / 1P
   Nano-Change (M8) Receptacle, M8 x 0.5 Mounting Threads, Female
1200310049 MOLEX-1200310049 Datasheet
24Kb / 1P
   Nano-Change (M8) Receptacle, 4 Poles, M8 x 0.5 Mounting Threads, Female
1200905069 MOLEX11-1200905069 Datasheet
108Kb / 2P
   Nano-Change (M8) Receptacle, M8 x 0.5 Mounting Threads, Straight Male, Male 0.30m
1200905104 MOLEX-1200905104 Datasheet
24Kb / 1P
   Nano-Change (M8) Receptacle, M8 x 0.5 Mounting Threads, Female (Straight) to Leads
1200905069 MOLEX-1200905069_V01 Datasheet
36Kb / 1P
   Nano-Change (M8) Receptacle, M8 x 0.5 Mounting Threads, Male (Straight) to Leads
1200905079 MOLEX-1200905079_V01 Datasheet
36Kb / 1P
   Nano-Change (M8) Receptacle, M8 x 0.5 Mounting Threads, Male (Straight) to Leads
1200905074 MOLEX-1200905074_V01 Datasheet
36Kb / 1P
   Nano-Change (M8) Receptacle, M8 x 0.5 Mounting Threads, Male (Straight) to Leads
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com