Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5031492000 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 5031492000
Description  1.50mm (.059") Pitch CLIK-Mate Wire-to-Board Housing, Dual Row, Positive Lock, 20 Circuits
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

5031492000 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  5031492000 Datasheet HTML 1Page - Molex Electronics Ltd. 5031492000 Datasheet HTML 2Page - Molex Electronics Ltd. 5031492000 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 06/02/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
5031492000
Status:
Active
Overview:
clikmate_wiretoboard_connectors
Description:
1.50mm (.059") Pitch CLIK-Mate™ Wire-to-Board Housing, Dual Row, Positive Lock,
20 Circuits
Documents:
3D Model
Product Specification PS-503154-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-503148-001 (PDF)
General
Product Family
Crimp Housings
Series
503149
Overview
clikmate_wiretoboard_connectors
Product Name
CLIK-Mate™
Physical
Circuits (maximum)
20
Color - Resin
Beige
Gender
Plug
Glow-Wire Compliant
No
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Number of Rows
2
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface (in)
0.059 In
Pitch - Mating Interface (mm)
1.50 mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-25°C to +85°C
Electrical
Current - Maximum per Contact
2A
Material Info
Reference - Drawing Numbers
Application Specification
AS-503149-001
Packaging Specification
SPK-503149-001
Product Specification
PS-503148-001, PS-503154-001, RPS-503148-001,
RPS-503154-001, RPS-503154-002, RPS-503154-003,
RPS-503154-004, RPS-503154-005, RPS-503154-007
Sales Drawing
SD-503149-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
503149Series
Mates With
503154 PCB Receptacle
Use With
502579 Crimp Terminal
This document was generated on 06/02/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 5031492000

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
5031492200 MOLEX11-5031492200 Datasheet
203Kb / 3P
   1.50mm (.059") Pitch CLIK-Mate Wire-to-Board Housing, Dual Row, Positive Lock, 22 Circuits
5031492400 MOLEX11-5031492400 Datasheet
203Kb / 3P
   1.50mm (.059") Pitch CLIK-Mate Wire-to-Board Housing, Dual Row, Positive Lock, 24 Circuits
5031492800 MOLEX11-5031492800 Datasheet
203Kb / 3P
   1.50mm (.059") Pitch CLIK-Mate??Wire-to-Board Housing, Dual Row, Positive Lock,28 Circuits
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com