Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD-120070-002 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # SD-120070-002
Description  Micro-Change (M12) Male Receptacle with Flange, 8 Poles Solder Pin, PCBMount
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-120070-002 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  SD-120070-002 Datasheet HTML 1Page - Molex Electronics Ltd. SD-120070-002 Datasheet HTML 2Page - Molex Electronics Ltd. SD-120070-002 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 05/20/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1200705139
Status:
Active
Overview:
microchange_m12_connectors
Description:
Micro-Change® (M12) Male Receptacle with Flange, 8 Poles Solder Pin, PCBMount
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Industrial Receptacles
Series
120070
IP Rating
IP67
Overview
microchange_m12_connectors
Product Name
Micro-Change® (M12)
Type
PCB Mount
Physical
Coupling Type
External Thread
Gender
Male
Keyway
Single
Length
N/A
Material - Component
Nickel-plated Brass
Mounting Thread Size
N/A
Orientation
Straight
Panel Mount
N/A
Poles
8
Temperature Range - Operating
-40°C to +125°C
Wire Size AWG
N/A
Wire/Cable Type
N/A
Electrical
Current - Maximum per Contact
8A
Voltage - Maximum
30V AC / 36V DC
Material Info
Old Part Number
0912 083GM 05000
Reference - Drawing Numbers
Sales Drawing
SD-120070-002
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
120070Series
This document was generated on 05/20/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - SD-120070-002

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-120070-003 MOLEX11-SD-120070-003 Datasheet
223Kb / 3P
   Micro-Change (M12) Male Receptacle with Flange, 8 Poles Solder Flag, PBC Mount
More results

Similar Description - SD-120070-002

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1200705138 MOLEX-1200705138_V01 Datasheet
29Kb / 1P
   Micro-Change (M12) Male Receptacle with Flange, 8 Poles Solder Cups
1200705139 MOLEX-1200705139_V01 Datasheet
29Kb / 1P
   Micro-Change (M12) Male Receptacle with Flange, 8 Poles Solder PCB Pins
1200705138 MOLEX11-1200705138 Datasheet
223Kb / 3P
   Micro-Change (M12) Male Receptacle with Flange, 8 Poles Solder Flag, PBC Mount
1300360001 MOLEX-1300360001 Datasheet
33Kb / 1P
   DeviceNet Micro-Change (M12), 8 Port, 5 Poles, Male
03/29/2023
1200700258 MOLEX-1200700258 Datasheet
29Kb / 1P
   Micro-Change (M12) Receptacle, 5 Poles
1300370011 MOLEX11-1300370011 Datasheet
187Kb / 2P
   DeviceNet Micro-Change (M12), 8 Port, Micro-Change 5 Poles, Male, 2.0m (6.56 )
1200710082 MOLEX-1200710082 Datasheet
45Kb / 1P
   Micro-Change (M12) Field Attachable Connector, 8 Poles, Straight, Male
1200700242 MOLEX-1200700242 Datasheet
47Kb / 1P
   Micro-Change (M12) PCB Mounting Receptacle, 5 Poles, Male, Straight
1200700162 MOLEX-1200700162 Datasheet
47Kb / 1P
   Micro-Change (M12) PCB Mounting Receptacle, 4 Poles, Male, Straight
1200710030 MOLEX-1200710030 Datasheet
45Kb / 1P
   Micro-Change (M12) Field Attachable Connector, 8 Poles, Straight, Male
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com