Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD-98194-002 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # SD-98194-002
Description  2.54mm (.100") Pitch MOX FFC/FPC Crimp Terminal, Female, 0.635mm (.025"), Reel Tin (Sn), Crimp
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-98194-002 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  SD-98194-002 Datasheet HTML 1Page - Molex Electronics Ltd. SD-98194-002 Datasheet HTML 2Page - Molex Electronics Ltd. SD-98194-002 Datasheet HTML 3Page - Molex Electronics Ltd. SD-98194-002 Datasheet HTML 4Page - Molex Electronics Ltd. SD-98194-002 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
This document was generated on 05/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - SD-98194-002

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-98194-002 MOLEX11-SD-98194-002 Datasheet
369Kb / 5P
   2.54mm (.100") Pitch MOX FFC/FPC Crimp Terminal, Female, 0.635mm (.025"), Reel, Selective Gold, Crimp
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com