Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD-98658-004 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # SD-98658-004
Description  MOX Crimp Terminal, Female, 0.635mm (.025"), 20-24 AWG (0.22-0.50mm짼), Reel, Selective Gold
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-98658-004 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  SD-98658-004 Datasheet HTML 1Page - Molex Electronics Ltd. SD-98658-004 Datasheet HTML 2Page - Molex Electronics Ltd. SD-98658-004 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image


Similar Part No. - SD-98658-004

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-98658-004 MOLEX11-SD-98658-004 Datasheet
172Kb / 3P
   MOX Crimp Terminal, Female, 0.635mm (.025"), 20-24 AWG (0.22-0.60mm짼;), Reel, Selective Gold
SD-98658-004 MOLEX11-SD-98658-004 Datasheet
172Kb / 3P
   MOX Crimp Terminal, Female, 0.635mm (.025"), 18-22 AWG (0.75mm짼), Reel, Selective Gold
SD-98658-004 MOLEX11-SD-98658-004 Datasheet
172Kb / 3P
   MOX Crimp Terminal, Female, 0.635mm (.025"), 20-24 AWG (0.22-0.50mm짼;), Reel, Tin (Sn)
SD-98658-004 MOLEX11-SD-98658-004 Datasheet
172Kb / 3P
   MOX Crimp Terminal, Female, 0.635mm (.025"), 20-24 AWG (0.22-0.60mm짼), Reel, 2 points selective gold
SD-98658-004 MOLEX11-SD-98658-004 Datasheet
172Kb / 3P
   MOX Crimp Terminal, Female, 0.635mm (.025"), 20-24 AWG (0.22-0.60mm짼), Reel, Tin (Sn)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com