Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD-91009-001 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # SD-91009-001
Description  Junction Box, ISO, Right Angle, Clinch, Gateway Pin, Direct Grounding, without Fuse
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-91009-001 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  SD-91009-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-91009-001 Datasheet HTML 2Page - Molex Electronics Ltd. SD-91009-001 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Current - Maximum per Contact
10A
Voltage - Maximum
12V
Solder Process Data
Lead-free Process Capability
Wave Capable (TH only)
Material Info
Reference - Drawing Numbers
Product Specification
PS-99020-0076
Sales Drawing
SD-91009-001
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - SD-91009-001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-91009-001 MOLEX11-SD-91009-001 Datasheet
130Kb / 3P
   Junction Box, ISO, Right Angle, Clinch, Gateway Pin, Direct Grounding, with Fuse
More results

Similar Description - SD-91009-001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0910090016 MOLEX11-0910090016 Datasheet
130Kb / 3P
   Junction Box, ISO, Right Angle, Clinch, Gateway Pin, Direct Grounding, with Fuse
0910090022 MOLEX11-0910090022 Datasheet
226Kb / 3P
   Junction Box, ISO, Right Angle, without Fuse
0910090021 MOLEX11-0910090021 Datasheet
226Kb / 3P
   Junction Box, ISO, Right Angle, with Fuse
0916160001 MOLEX11-0916160001 Datasheet
255Kb / 3P
   2.54mm (.100") Pitch Junction Box MOST, Vertical, 40 Circuits, without 10A Fuse
0919051015 MOLEX11-0919051015 Datasheet
348Kb / 3P
   2.54mm (.100") Pitch Junction Box MOST, Vertical, 42 Circuits, Tin, without 10A Fuse
0432028817 MOLEX1-0432028817_18 Datasheet
35Kb / 2P
   Modular Jack, Right Angle, Low Profile, Shielded, Top Panel Grounding Tabs, without Bottom Grounding Tab
0432028811 MOLEX1-0432028811_18 Datasheet
34Kb / 2P
   Modular Jack, Right Angle, Low Profile, Shielded, All Panel Grounding Tabs, without Bottom Grounding Tab
0432028816 MOLEX1-0432028816_18 Datasheet
35Kb / 2P
   Modular Jack, Right Angle, Low Profile, Shielded, No Panel Grounding Tabs, without
0432028811 MOLEX5-0432028811 Datasheet
373Kb / 6P
   Modular Jack, Right Angle, Low Profile, Shielded, All Panel Grounding Tabs, without
91616-0001 MOLEX-91616-0001 Datasheet
96Kb / 2P
   MOST Junction Box
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com