Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1120030004 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1120030004
Description  Direct-Link PCU-DVNIO DeviceNet Mstr/Slave card (Univ. PCI)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1120030004 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1120030004 Datasheet HTML 1Page - Molex Electronics Ltd. 1120030004 Datasheet HTML 2Page - Molex Electronics Ltd. 1120030004 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1120030004
Status:
Active
Description:
Direct-Link PCU-DVNIO DeviceNet Mstr/Slave card (Univ. PCI)
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Network Interface
Series
112003
Approvals
N/A
Communication Speed
125, 250, 500 Kbaud
Mounting Style
Desktop, Screws
Product Name
DRL
Protocol
DeviceNet*
Type
DeviceNet* Card
Physical
Channels
1
Interface
PCI
Network Connection Type
DeviceNet* (5 pin)
Packaging Type
Carton
Processor
N/A
Temperature Range - Operating
0°C to +70°C
Electrical
EMC
N/A
Supply Voltage
3.3/5V Bus
Material Info
Old Part Number
DRL-DVN-PCU
Reference - Drawing Numbers
Sales Drawing
SD-112003-0004
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
112003Series
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 1120030004

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1120030013 MOLEX11-1120030013 Datasheet
236Kb / 5P
   DeviceNet card, PC/104, 2 channels
1120030018 MOLEX11-1120030018 Datasheet
236Kb / 5P
   DeviceNet card, PC/104, 2 channels
More results

Similar Description - 1120030004

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1120050009 MOLEX11-1120050009 Datasheet
305Kb / 3P
   BradCommunications Direct-Link PC104-DVNIO DeviceNet card, PC/104 bus
1120115028 MOLEX11-1120115028 Datasheet
1Mb / 6P
   Direct-Link PCU-DPIO Profibus-DP Master/Slave 12 Mbps, PCI Express 1x
1120210014 MOLEX11-1120210014 Datasheet
308Kb / 3P
   BradCommunications Direct-Link PCU-CANIO CANopen card , PCI-Universal bus 3.3/5V
1120050048 MOLEX-1120050048 Datasheet
38Kb / 1P
   SST DN4 DeviceNet PCU Card 2 Channels, PCI 3.3/ 5V - DLL/LIB - Control
1120005030 MOLEX11-1120005030 Datasheet
409Kb / 3P
   BradCommunications Direct-Link PCU-ETHIO Ethernet card for EtherNet/IP Scanner/Adapter
1120005029 MOLEX11-1120005029 Datasheet
398Kb / 3P
   BradCommunications Direct-Link PCU-ETHIO Ethernet card for Modbus TCP/UDP Client
1120005031 MOLEX11-1120005031 Datasheet
410Kb / 3P
   BradCommunications Direct-Link PCU-ETHIO Ethernet card for PROFINET IOController & IO-Device
logo
Schneider Electric
TM5PCDPS SCHNEIDER-TM5PCDPS Datasheet
234Kb / 5P
   Profibus DP communication module, Modicon TM5, slave link, PCI
Apr 6, 2022
logo
Molex Electronics Ltd.
1120050040 MOLEX-1120050040 Datasheet
38Kb / 1P
   SST DN4 Card, DeviceNet Master/Slave, 1 Channel, PCI 3.3/ 5V - DLL/LIB - Control
logo
PHOENIX CONTACT
1922653 PHOENIX-1922653 Datasheet
156Kb / 10P
   Direct plug-in block - PCU 6/ 4-STD-10,16
09/12/2020
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com