Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1203090376 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 1203090376
Description  Micro-Change (M12) Closure Cap, Yellow
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1203090376 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  1203090376 Datasheet HTML 1Page - Molex Electronics Ltd. 1203090376 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1
2
3
4
5
MOLEX INCORPORATED
SIZE
SCALE
DESIGN UNITS
DIMENSION STYLE
THIS DRAWING CONTAINS INFORMATION THAT IS PROPRIETARY TO MOLEX
INCORPORATED AND SHOULD NOT BE USED WITHOUT WRITTEN PERMISSION
SHEET NO.
DOCUMENT NO.
MATERIAL NO.
molex
APPROVED BY
CHECKED BY
DRAWN BY
C =
=
GENERAL TOLERANCES
(UNLESS SPECIFIED)
mm
INCH
4 PLACES
3 PLACES
2 PLACES
1 PLACE
±
±
±
±
±
±
±
ANGULAR ±
°
±
QUALITY
SYMBOLS
DRAFT WHERE APPLICABLE
MUST REMAIN
WITHIN DIMENSIONS
A4
M12M-M-CLOSURE CAP
----
M12M VERSCHLUSSKAPPE
METRIC
4:1
MM
SD-120309-003
BB
RE
NSTAUDIG
DATE
DATE
DATE
2009/11/02
2009/11/03
2009/11/18
---
---
---
---
0.1
0.05
---
---
---
1
A
B
C
D
E
F
G
A
B
C
D
E
F
G
1
2
3
4
5
FIRST ANGLE
PROJECTION
SEE TABLE
1 OF 1
0
0


Similar Part No. - 1203090376

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
12030 ARIES-12030 Datasheet
887Kb / 1P
   P/Ns 1106396 & 1107254 Row-to-Row DIP Adapter Socket
logo
Heyco.
12030 HEYCO-12030 Datasheet
114Kb / 1P
   Cable Holders - Snap Rivet Mount
logo
Molex Electronics Ltd.
1203035017 MOLEX-1203035017 Datasheet
28Kb / 1P
   Torque Tool Wireless Key Set for Nano-Change (M8) Cordsets with KnurledHexnuts
08/26/2022
1203035018 MOLEX-1203035018 Datasheet
28Kb / 1P
   Torque Tool Wireless Key Set for Micro-Change (M12) Cordsets with Knurled Hexnuts
08/25/2022
1203080677 MOLEX-1203080677 Datasheet
21Kb / 1P
   Plastic Closure Cap
04/05/2023
More results

Similar Description - 1203090376

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1200770023 MOLEX-1200770023 Datasheet
33Kb / 1P
   Micro-Change (M12) Closure Cap
1201165014 MOLEX11-1201165014 Datasheet
72Kb / 2P
   Micro-Change (M12) Closure Cap, Black
1201165014 MOLEX-1201165014_V01 Datasheet
24Kb / 1P
   Micro-Change (M12) Closure Cap, Black
0848549019 MOLEX-0848549019 Datasheet
30Kb / 1P
   Micro-Change Closure Cap External Threads, meets NMEA 2000®
08/26/2022
1203080677 MOLEX-1203080677 Datasheet
21Kb / 1P
   Plastic Closure Cap
04/05/2023
1200765046 MOLEX-1200765046 Datasheet
37Kb / 1P
   Ultra-Lock (M12) Rubber Closure Cap with Leash, Male
1200765047 MOLEX-1200765047 Datasheet
37Kb / 1P
   Ultra-Lock (M12) Rubber Closure Cap with Leash, Female
1300700018 MOLEX11-1300700018 Datasheet
30Kb / 1P
   Quick-Change Male Closure Cap, External Threads, 38.35mm Diameter
1300700019 MOLEX11-1300700019 Datasheet
31Kb / 1P
   Quick-Change Female Closure Cap, Internal Threads, 38.35mm Diameter
SD-130058-001 MOLEX11-SD-130058-001 Datasheet
58Kb / 1P
   CLOSURE CAP ETHERNET INTERNAL THREAD
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com