Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD-91813-001 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # SD-91813-001
Description  5.08 (.200") Pitch, KK, CRP Terminal HSG, Glow Wire compatible, 10 Circuits, White, Glow Wire Compatible
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-91813-001 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  SD-91813-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-91813-001 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 05/28/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0918139010
Status:
Active
Overview:
kk
Description:
5.08 (.200") Pitch, KK®, CRP Terminal HSG, Glow Wire compatible, 10 Circuits, White,
Glow Wire Compatible
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
General
Product Family
Crimp Housings
Series
91813
Overview
kk
Product Name
KK®
Physical
Breakaway
No
Circuits (maximum)
10
Color - Resin
Natural (White)
Gender
Female
Glow-Wire Compliant
Yes
Material - Resin
Nylon
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface (in)
0.200 In
Pitch - Mating Interface (mm)
5.08 mm
Pitch - Term. Interface (in)
0.200 In
Pitch - Term. Interface (mm)
5.08 mm
Polarized to Mating Part
Yes
Ports
1
Stackable
No
Temperature Range - Operating
0°C to +75°C
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-91813-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
91813Series
This document was generated on 05/28/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - SD-91813-001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-91813-001 MOLEX11-SD-91813-001 Datasheet
133Kb / 2P
   5.08 (.200") Pitch, KK, CRP Terminal HSG, Glow Wire compatible, 10 Circuits, White, with Ramp
SD-91813-001 MOLEX11-SD-91813-001 Datasheet
133Kb / 2P
   5.08 (.200") Pitch, KK, CRP Terminal HSG, Glow Wire compatible, 3 Circuits, White, with Ramp
SD-91813-001 MOLEX11-SD-91813-001 Datasheet
133Kb / 2P
   5.08 (.200") Pitch, KK, CRP Terminal HSG, Glow Wire compatible, 2 Circuits, White, with Ramp
SD-91813-001 MOLEX11-SD-91813-001 Datasheet
133Kb / 2P
   5.08 (.200") Pitch, KK, CRP Terminal HSG, Glow Wire compatible, 8 Circuits, White with Ramp, Glow Wire Compatible
SD-91813-001 MOLEX11-SD-91813-001 Datasheet
133Kb / 2P
   5.08 (.200") Pitch, KK, CRP Terminal HSG, Glow Wire compatible, 5 Circuits, White, with Ramp
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com