Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDA-90627 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # SDA-90627
Description  2.54mm (.100") Pitch C-Grid III Header, Single Row, Vertical, with Kinked PC Tail, 16 Circuits, Tin (Sn) Plating
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SDA-90627 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  SDA-90627 Datasheet HTML 1Page - Molex Electronics Ltd. SDA-90627 Datasheet HTML 2Page - Molex Electronics Ltd. SDA-90627 Datasheet HTML 3Page - Molex Electronics Ltd. SDA-90627 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0906270136
Status:
Active
Overview:
cgrid_iii
Description:
2.54mm (.100") Pitch C-Grid III™ Header, Single Row, Vertical, with Kinked PC Tail, 16
Circuits, Tin (Sn) Plating
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
General
Product Family
PCB Headers
Series
90627
Application
Wire-to-Board
Overview
cgrid_iii
Product Name
C-Grid III™
Physical
Breakaway
Yes
Circuits (Loaded)
16
Circuits (maximum)
16
Color - Resin
Black
First Mate / Last Break
No
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
None
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Polyester
Number of Rows
1
Orientation
Vertical
PC Tail Length (in)
0.114 In
PC Tail Length (mm)
2.90 mm
PCB Locator
No
PCB Retention
Yes
PCB Thickness Recommended (in)
0.061 In
PCB Thickness Recommended (mm)
1.50 mm
Packaging Type
Bag
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Polarized to Mating Part
No
Polarized to PCB
No
Shrouded
No
Stackable
No
Temperature Range - Operating
-55°C to +125°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
3A
Voltage - Maximum
350V
Material Info
Reference - Drawing Numbers
Sales Drawing
SDA-90627
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
90627Series


Similar Part No. - SDA-90627

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SDA-90627 MOLEX11-SDA-90627 Datasheet
147Kb / 4P
   2.54mm (.100") Pitch C-Grid III Header, Single Row, Vertical, with Kinked PC Tail, 6 Circuits
SDA-90627 MOLEX11-SDA-90627 Datasheet
155Kb / 4P
   2.54mm (.100") Pitch C-Grid III Header, Single Row, Vertical, with Kinked PC Tail, 12 Circuits, Tin (Sn) Plating
SDA-90627 MOLEX11-SDA-90627 Datasheet
155Kb / 4P
   2.54mm (.100") Pitch C-Grid III Header, Single Row, Vertical, with Kinked PC Tail, 10 Circuits, Tin (Sn) Plating
SDA-90627 MOLEX11-SDA-90627 Datasheet
147Kb / 4P
   2.54mm (.100") Pitch C-Grid III Header, Single Row, Vertical, with Kinked PC Tail, 14 Circuits
SDA-90627 MOLEX11-SDA-90627 Datasheet
155Kb / 4P
   2.54mm (.100") Pitch C-Grid III Header, Single Row, Vertical, with Kinked PC Tail, 40 Circuits, Tin (Sn) Plating
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com