Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD-120083-022 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # SD-120083-022
Description  Micro-Change (M12) Single-Ended Cordset, Male - Pigtail, Straight, 8 Poles, Length 10.0m (32.81 ), Black
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-120083-022 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  SD-120083-022 Datasheet HTML 1Page - Molex Electronics Ltd. SD-120083-022 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1200835152
Status:
Active
Overview:
ultralock_connection_system
Description:
Micro-Change® (M12) Single-Ended Cordset, Male - Pigtail, Straight, 8 Poles, Length
10.0m (32.81' ), Black
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Industrial Cordsets
Series
120083
Connector End A
Ultra-Lock® (M12)
Connector End B
Pigtail
IP Rating
IP69K
Overview
ultralock_connection_system
Product Name
Ultra-Lock® (M12)
Type
Single Ended
Physical
Cable Diameter
6.60mm (.260")
Cable Length
10.0m (32.81' )
Color - Cable Jacket
Black
Coupling Style
Push to Lock
Gender
Male-Pigtail
Keyway
None
LED Indicator
No
Material - Cable Jacket
PUR
Material - Connector Body
PUR
Material - Contact
Brass
Material - Coupling Nut
Nickel-plated Brass
Material - O-Ring
Viton
Material - Plating Mating
Gold over Nickel
Orientation
Straight
Poles
8
Temperature Range - Operating
-25°C to +90°C
Wire Size AWG
24
Wire/Cable Type
UL 20327
Electrical
Current - Maximum per Contact
4A
Voltage - Maximum
30V AC/DC
Material Info
Old Part Number
W08S06P19M100G
Reference - Drawing Numbers
Sales Drawing
SD-120083-022
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
120083Series
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - SD-120083-022

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-120083-022 MOLEX11-SD-120083-022 Datasheet
124Kb / 2P
   Micro-Change (M12) Ultra-Lock Single-Ended Cordset, Male - Pigtail, Straight, 8 Poles
More results

Similar Description - SD-120083-022

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1200835151 MOLEX11-1200835151 Datasheet
126Kb / 2P
   Micro-Change (M12) Single-Ended Cordset, Female - Pigtail, Straight, 8 Poles, Length 10.0m (32.81 ), Black
1200658972 MOLEX-1200658972 Datasheet
32Kb / 1P
   Micro-Change (M12) Single-Ended Cordset, 8 Poles, Female (Straight) to Pigtail, 24 AWG, 10.0m (32.81) Length
02/01/2023
1200062209 MOLEX-1200062209 Datasheet
38Kb / 2P
   Micro-Change (M12) Single-Ended Cordset, 5 Poles, Male (Straight) to Pigtail, 0.34mm² Black PVC Cable, 10.0m (32.81) Length
02/02/2023
1200652158 MOLEX-1200652158 Datasheet
27Kb / 1P
   Micro-Change (M12) Single-Ended Cordset, 5 Poles, Male (Straight) to Pigtail, 0.34mm² PUR/PVC Cable, 10.0m (32.81) Length
01/31/2023
1200060572 MOLEX-1200060572 Datasheet
27Kb / 1P
   Micro-Change (M12) Single-Ended Cordset, 4 Poles, Male (Straight) to Pigtail, 0.34mm² PUR/PVC Cable, 10.0m (32.81) Length
02/01/2023
1300480057 MOLEX-1300480057 Datasheet
27Kb / 2P
   Micro-Change (M12) Single-Ended Cordset, 4 Poles, Male (Straight) to Pigtail, 26 AWG, PVC Cable, 10.0m (32.81) Length
01/31/2023
1200699509 MOLEX-1200699509 Datasheet
32Kb / 1P
   Micro-Change (M12) Single-Ended Cordset, 8 Poles, Male (Straight) to Pigtail
1200658660 MOLEX-1200658660 Datasheet
25Kb / 2P
   Micro-Change (M12) Single-Ended Cordset, 8 Poles, Male (Straight) to Pigtail
1200699508 MOLEX-1200699508 Datasheet
32Kb / 1P
   Micro-Change (M12) Single-Ended Cordset, 8 Poles, Male (Straight) to Pigtail
1200060638 MOLEX-1200060638 Datasheet
28Kb / 2P
   Micro-Change (M12) Single-Ended Cordset, 5 Poles, Female (Straight) to Pigtail, 0.34mm² Black PVC Cable, 10.0m (32.81) Length
01/31/2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com