Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD-120066-025 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # SD-120066-025
Description  Micro-Change (M12) Double-Ended Cordset, Female to Male, Straight to 90째, 4 Poles
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-120066-025 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  SD-120066-025 Datasheet HTML 1Page - Molex Electronics Ltd. SD-120066-025 Datasheet HTML 2Page - Molex Electronics Ltd. SD-120066-025 Datasheet HTML 3Page - Molex Electronics Ltd. SD-120066-025 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
A
7
8
9
10
6
5
3
4
2
1
B
C
D
E
F
A
B
C
D
E
F
7
8
9
6
5
3
4
2
10
1
MOLEX INCORPORATED
SIZE
SCALE
DESIGN UNITS
DIMENSION STYLE
THIS DRAWING CONTAINS INFORMATION THAT IS PROPRIETARY TO MOLEX
INCORPORATED AND SHOULD NOT BE USED WITHOUT WRITTEN PERMISSION
SHEET NO.
DOCUMENT NO.
MATERIAL NO.
molex
APPROVED BY
CHECKED BY
DRAWN BY
C =
=
GENERAL TOLERANCES
(UNLESS SPECIFIED)
mm
INCH
4 PLACES
3 PLACES
2 PLACES
1 PLACE
±
±
±
±
±
±
±
ANGULAR ±
°
±
QUALITY
SYMBOLS
DRAFT WHERE APPLICABLE
MUST REMAIN
WITHIN DIMENSIONS
A3
MICRO-CHANGE CORDSET
3/4/5 P. FE STR/ MA 90
22/3-5 YELLOW TPE CABLE
METRIC
2:1
IN/MM
SD-120066-025
LSTEMMLE
RE
FPACHER
DATE
DATE
DATE
2010/02/01
2010/02/02
2010/02/03
---
.01
---
---
0.3
---
---
---
---
1
THIRD ANGLE
PROJECTION
0
0
1 OF 1
SEE TABLE


Similar Part No. - SD-120066-025

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-120066-020 MOLEX11-SD-120066-020 Datasheet
259Kb / 4P
   Micro-Change (M12) 4 Pole, Female (Straight) to Male (Straight) Cordset, 4-18 AWG TPE Cable, 2.0M (6.56 )
SD-120066-020 MOLEX11-SD-120066-020 Datasheet
259Kb / 4P
   Micro-Change (M12) 4 Pole, Female (Straight) to Male (Straight) Cordset, 4-18 AWG TPE Cable, 3.0M (9.84 )
SD-120066-020 MOLEX11-SD-120066-020 Datasheet
259Kb / 4P
   Micro-Change (M12) 4 Pole, Female (Straight) to Male (Straight) Cordset, 4-18 AWG TPE Cable, 1.0M (3.28 )
SD-120066-020 MOLEX11-SD-120066-020 Datasheet
259Kb / 4P
   Micro-Change (M12) 4 Pole, Female (Straight) to Male (Straight) Cordset, 4-18 AWG TPE Cable
SD-120066-020 MOLEX11-SD-120066-020 Datasheet
259Kb / 4P
   Micro-Change (M12) 4 Pole, Female (Straight) to Male (Straight) Cordset, 4-18 AWG TPE Cable, 4.0M (13.12 )
More results

Similar Description - SD-120066-025

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1200020247 MOLEX-1200020247 Datasheet
34Kb / 1P
   Micro-Change (M12) Double-Ended Cordset, 4 Poles, Female (90째) to Male (Straight)
1200660378 MOLEX11-1200660378 Datasheet
172Kb / 4P
   Micro-Change (M12) Double-Ended Cordset, Female to Male, 90째 to Straight, 4 Poles
1200020244 MOLEX-1200020244 Datasheet
34Kb / 1P
   Micro-Change (M12) Double-Ended Cordset, 4 Poles, Female (90째) to Male (Straight)
1200020245 MOLEX-1200020245 Datasheet
34Kb / 1P
   Micro-Change (M12) Double-Ended Cordset, 4 Poles, Female (90째) to Male (Straight)
1200020246 MOLEX-1200020246 Datasheet
34Kb / 1P
   Micro-Change (M12) Double-Ended Cordset, 4 Poles, Female (90째) to Male (Straight)
1200020485 MOLEX-1200020485 Datasheet
34Kb / 1P
   Micro-Change (M12) Double-Ended Cordset, 4 Poles, Female (90째) to Male (Straight)
1200020483 MOLEX-1200020483 Datasheet
34Kb / 1P
   Micro-Change (M12) Double-Ended Cordset, 4 Poles, Female (90째) to Male (Straight)
1200020242 MOLEX-1200020242 Datasheet
34Kb / 1P
   Micro-Change (M12) Double-Ended Cordset, 4 Poles, Female (90째) to Male (Straight)
1200020484 MOLEX-1200020484 Datasheet
34Kb / 1P
   Micro-Change (M12) Double-Ended Cordset, 4 Poles, Female (90째) to Male (Straight)
1200070511 MOLEX-1200070511 Datasheet
51Kb / 2P
   Micro-Change (M12) Double-Ended Cordset, 4 Poles, Female (90째) to Male
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com