Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD-95522-001 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # SD-95522-001
Description  HIPRO TE 4/4 JACK
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-95522-001 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  SD-95522-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-95522-001 Datasheet HTML 2Page - Molex Electronics Ltd. SD-95522-001 Datasheet HTML 3Page - Molex Electronics Ltd. SD-95522-001 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Current - Maximum per Contact
1.5A
Shielded
No
Voltage - Maximum
125V DC
Solder Process Data
Duration at Max. Process Temperature (seconds)
5
Lead-free Process Capability
Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-95022
Sales Drawing
SD-95522-001
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - SD-95522-001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-95522-001 MOLEX11-SD-95522-001 Datasheet
197Kb / 4P
   HIPRO TE 6/4 JACK
SD-95522-001 MOLEX11-SD-95522-001 Datasheet
197Kb / 4P
   HIPRO TE 8/8 JACK
More results

Similar Description - SD-95522-001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0955222647 MOLEX11-0955222647 Datasheet
197Kb / 4P
   HIPRO TE 6/4 JACK
0955222667 MOLEX11-0955222667 Datasheet
198Kb / 4P
   HIPRO TE 6/6 JACK
0955222887 MOLEX11-0955222887 Datasheet
197Kb / 4P
   HIPRO TE 8/8 JACK
0955036451 MOLEX11-0955036451 Datasheet
265Kb / 6P
   4/4 JACK SMT VERSION
0424104266 MOLEX5-0424104266 Datasheet
196Kb / 4P
   Modular Jack, Vertical, 4/4
0424104170 MOLEX5-0424104170 Datasheet
196Kb / 4P
   Modular Jack, Vertical, 4/4
0424104170 MOLEX1-0424104170_18 Datasheet
33Kb / 2P
   Modular Jack, Vertical, 4/4
logo
HARTING Technology Grou...
09-30-716-0420 HARTING-09-30-716-0420 Datasheet
494Kb / 2P
   16B Hood TE HC 4 Pegs PG 21 Black
logo
Molex Electronics Ltd.
0950092447 MOLEX11-0950092447 Datasheet
212Kb / 4P
   Modular Jack, Right Angle, 4/4
logo
HARTING Technology Grou...
09-30-716-1420 HARTING-09-30-716-1420 Datasheet
439Kb / 2P
   16 B Hood TE LC 4 Pegs PG 21 Black
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com