Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD-502790-001 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # SD-502790-001
Description  0.50mm (.020") Pitch FPC Connector, ZIF, Easy-On, Double Bottom Contact, 64 Circuits
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-502790-001 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  SD-502790-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-502790-001 Datasheet HTML 2Page - Molex Electronics Ltd. SD-502790-001 Datasheet HTML 3Page - Molex Electronics Ltd. SD-502790-001 Datasheet HTML 4Page - Molex Electronics Ltd. SD-502790-001 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This document was generated on 04/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
5027906491
Status:
Active
Description:
0.50mm (.020") Pitch FPC Connector, ZIF, Easy-On™, Double Bottom Contact, 64
Circuits
Documents:
3D Model
Product Specification PS-502790-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
FFC/FPC Connectors
Series
502790
Product Name
Easy-On™
Physical
Circuits (Loaded)
64
Contact Position
Bottom
Durability (mating cycles max)
20
Entry Angle
90° Angle
Mated Height (in)
0.098 In
Mated Height (mm)
2.50 mm
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Gold
Number of Rows
1
Orientation
Right Angle
PCB Retention
Yes
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface (in)
0.020 In
Pitch - Mating Interface (mm)
0.50 mm
Polarized to PCB
Yes
Stackable
No
Temperature Range - Operating
-20°C to +85°C
Termination Interface: Style
Surface Mount
Wire/Cable Type
FPC only
Electrical
Current - Maximum per Contact
0.5A
Voltage - Maximum
50V
Material Info
Reference - Drawing Numbers
Product Specification
PS-502790-001, RPS-502790-001, RPS-502790-005,
RPS-502790-006, RPS-502790-007, RPS-502790-009,
RPS-502790-010, RPS-502790-011
Sales Drawing
SD-502790-001, SD-502790-002
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
502790Series
This document was generated on 04/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - SD-502790-001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-502790-001 MOLEX11-SD-502790-001 Datasheet
391Kb / 5P
   0.50mm (.020") Pitch FPC Connector, ZIF, Easy-On, Double Bottom Contact, 30 Circuits
SD-502790-001 MOLEX11-SD-502790-001 Datasheet
391Kb / 5P
   0.50mm (.020") Pitch FPC Connector, ZIF, Easy-On, Double Bottom Contact, 60 Circuits
SD-502790-001 MOLEX11-SD-502790-001 Datasheet
391Kb / 5P
   0.50mm (.020") Pitch FPC Connector, ZIF, Easy-On, Double Bottom Contact, 50 Circuits
SD-502790-001 MOLEX11-SD-502790-001 Datasheet
391Kb / 5P
   0.50mm (.020") Pitch FPC Connector, ZIF, Easy-On, Double Bottom Contact, 40 Circuits
SD-502790-001 MOLEX11-SD-502790-001 Datasheet
391Kb / 5P
   0.50mm (.020") Pitch FPC Connector, ZIF, Easy-On, Double Bottom Contact, 80 Circuits
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com