Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1200655044 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1200655044
Description  Micro-Change (M12) Single-Ended Cordset, Female - Pigtail, Right Angle, 4 Poles,Length 4.0m (13.12 )
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1200655044 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1200655044 Datasheet HTML 1Page - Molex Electronics Ltd. 1200655044 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 05/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1200655044
Status:
Active
Overview:
microchange_m12_connectors
Description:
Micro-Change® (M12) Single-Ended Cordset, Female - Pigtail, Right Angle, 4 Poles,
Length 4.0m (13.12'), A-size (7/8" - 16 UN-2A), PUR Cable Preferred Verion in Europe
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Industrial Cordsets
Series
120065
Connector End A
Micro-Change® (M12)
Connector End B
Pigtail
IP Rating
IP67
NEMA Rating
NEMA 6
Overview
microchange_m12_connectors
Product Name
Micro-Change® (M12)
Type
Single Ended
Physical
Cable Diameter
5.80mm (.230")
Cable Length
10.0m (32.81' )
Color - Cable Jacket
Yellow
Coupling Style
Threaded
Gender
Female-Pigtail
Keyway
Single
LED Indicator
No
Material - Cable Jacket
PUR
Material - Connector Body
PUR
Material - Contact
Copper
Material - Coupling Nut
Nickel-plated Brass
Material - O-Ring
Viton
Material - Plating Mating
Gold over Nickel
Orientation
Straight
Poles
12
Temperature Range - Operating
-25°C to +90°C
Wire Size AWG
22
Wire/Cable Type
UL 2661
Electrical
Current - Maximum per Contact
4A
Voltage - Maximum
250V AC/DC
Material Info
Old Part Number
80C000H45M100
Reference - Drawing Numbers
Sales Drawing
SD-80C000H45MXXX
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
120065Series
This document was generated on 05/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 1200655044

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1200655044 MOLEX-1200655044_V01 Datasheet
34Kb / 1P
   Micro-Change (M12) Single-Ended Cordset, 12 Poles, Female (Straight) to Pigtail
More results

Similar Description - 1200655044

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1200658184 MOLEX-1200658184 Datasheet
27Kb / 1P
   Micro-Change (M12) Single-Ended Cordset, 5 Poles, Female (90°) to Pigtail, 0.34mm² PUR/PVC Cable 4.0m (13.12) Length
02/01/2023
1200652143 MOLEX-1200652143 Datasheet
27Kb / 1P
   Micro-Change (M12) Single-Ended Cordset, 5 Poles, Female (Straight) to Pigtail, 0.34mm² PUR/PVC Cable, 4.0m (13.12) Length
02/01/2023
1200658020 MOLEX-1200658020 Datasheet
27Kb / 1P
   Micro-Change (M12) Single-Ended Cordset, 5 Poles, Female (Straight) to Pigtail, 0.34mm² PUR/PVC Cable, 4.0m (13.12) Length
02/01/2023
1200651369 MOLEX-1200651369 Datasheet
33Kb / 1P
   Micro-Change (M12) Single-Ended Cordset, 5 Poles, Female (Straight) to Pigtail, 18 AWG, TPE Cable, 4.0m (13.12) Length
01/31/2023
1200652147 MOLEX-1200652147 Datasheet
27Kb / 1P
   Micro-Change (M12) Single-Ended Cordset, 5 Poles, Female (90°) to Pigtail, 0.34mm² PUR/PVC Cable 4.0m (13.12) Length
02/01/2023
1200651721 MOLEX-1200651721 Datasheet
27Kb / 1P
   Micro-Change (M12) Single-Ended Cordset, 5 Poles, Female (90°) to Pigtail, 18 AWG, TPE Cable, 4.0m (13.12) Length
02/02/2023
1200655100 MOLEX-1200655100 Datasheet
27Kb / 2P
   Micro-Change (M12) Single-Ended Cordset, 12 Poles, Female (90°) to Pigtail, 26 AWG, PUR Cable, 4.0m (13.12) Length
02/01/2023
1200652141 MOLEX-1200652141 Datasheet
27Kb / 1P
   Micro-Change (M12) Single-Ended Cordset, 4 Poles, Male (Straight) to Pigtail, 0.34mm² PUR/PVC Cable, 4.0m (13.12) Length
02/01/2023
1200652145 MOLEX-1200652145 Datasheet
27Kb / 1P
   Micro-Change (M12) Single-Ended Cordset, 4 Poles, Male (90°) to Pigtail, 0.34mm² PUR/PVC Cable 4.0m (13.12) Length
01/31/2023
1200655041 MOLEX-1200655041 Datasheet
33Kb / 1P
   Micro-Change (M12) Single-Ended Cordset, 12 Poles, Female (Straight) to Pigtail, 26 AWG, PUR/PVC Cable, 4.0m (13.12) Length
02/01/2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com