Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD-94830-001 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # SD-94830-001
Description  Metal Dome for Keypad (dia. 6 4 legs on strip)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-94830-001 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  SD-94830-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-94830-001 Datasheet HTML 2Page - Molex Electronics Ltd. SD-94830-001 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image


Similar Part No. - SD-94830-001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-94830-001 MOLEX11-SD-94830-001 Datasheet
126Kb / 2P
   Metal Dome for Keypad
More results

Similar Description - SD-94830-001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0948301001 MOLEX11-0948301001 Datasheet
126Kb / 2P
   Metal Dome for Keypad
logo
National Semiconductor ...
MKT-H04D NSC-MKT-H04D Datasheet
31Kb / 1P
   4 LEAD.100 DIA P.C.SHIELDED METAL CAN PACKAGE (H)
logo
Molex Electronics Ltd.
0638110000 MOLEX11-0638110000 Datasheet
32Kb / 1P
   Hand Crimp Tool Terminals on Metal Strip
logo
LUMEX INC.
SML-LXL99USBC-TR-5 LUMEX-SML-LXL99USBC-TR-5 Datasheet
151Kb / 1P
   7.7mm DIA TOP DOME SMT LED HIGH POWER BLUE 5W.
logo
Bel Fuse Inc.
FC-101-22 BEL-FC-101-22 Datasheet
974Kb / 2P
   For 6.3mm Dia
logo
LUMEX INC.
SML-LXL99UWC-TR-5 LUMEX-SML-LXL99UWC-TR-5 Datasheet
152Kb / 1P
   7.7mm DIA TOP DOME SMT LED HIGH POWER COOL WHITE 5W.
SML-LXL99MWC-TR-5 LUMEX-SML-LXL99MWC-TR-5 Datasheet
152Kb / 1P
   7.7mm DIA TOP DOME SMT LED HIGH POWER WARM WHITE 5W.
logo
Megawin Technology Co.,...
MG74PG1B08 MEGAWIN-MG74PG1B08 Datasheet
1Mb / 128P
   Keypad Interrupt function on all GPIO
logo
List of Unclassifed Man...
MCAK1604NBWB ETC1-MCAK1604NBWB Datasheet
215Kb / 2P
   Keypad, 4 횞 4 Array, Plastic
logo
Cherry Semiconductor Co...
G844700LPBUS2 CHERRY-G844700LPBUS2 Datasheet
159Kb / 2P
   Keypad
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com