Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

502438-0000 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 502438-0000
Description  2.00mm (.079") Pitch CLIK-Mate Wire-to-Board Crimp Terminal, Reel
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

502438-0000 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  502438-0000 Datasheet HTML 1Page - Molex Electronics Ltd. 502438-0000 Datasheet HTML 2Page - Molex Electronics Ltd. 502438-0000 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
T2 Terminator
Tooling Die for
2.00mm (.079")
Crimp Terminal,
22-26 AWG
0639107700
Hand Crimp Tool
for 2.00mm (.079")
Pitch CLIK-Mate™
Wire-to-Board Crimp
Terminals, 22-26
AWG
0638192800
This document was generated on 06/01/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 502438-0000

ManufacturerPart #DatasheetDescription
logo
MolexKits
502438-0100 MOLEXKITS-502438-0100 Datasheet
43Kb / 5P
   Includes CLIK-Mate, PanelMate,Sherlock, Pico-Spox and MicroClasp Prodcut
502438-0100 MOLEXKITS-502438-0100 Datasheet
39Kb / 3P
   SMT Dual Positive lock Vertical and Right Angle Plug and Receptacle, 2.0mm (.079)
502438-0100 MOLEXKITS-502438-0100 Datasheet
23Kb / 3P
   PCB Through Hole, SMT (Surface Mount Technology)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com