Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDA-90635 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # SDA-90635
Description  1.27mm (.050") Pitch QF-50, Single Beam, Vertical MIL/DIN Version, 0.76um (30") Gold (Au), 26 Circuits
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SDA-90635 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  SDA-90635 Datasheet HTML 1Page - Molex Electronics Ltd. SDA-90635 Datasheet HTML 2Page - Molex Electronics Ltd. SDA-90635 Datasheet HTML 3Page - Molex Electronics Ltd. SDA-90635 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 05/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0906351262
Status:
Active
Overview:
qf50
Description:
1.27mm (.050") Pitch QF-50™, Single Beam, Vertical MIL/DIN Version, 0.76µm (30µ")
Gold (Au), 26 Circuits
Documents:
3D Model
Product Specification PS-99020-0015 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Ribbon Cable / Wire Trap Connectors
Series
90635
Comments
Preloaded Upper Housing
Component Type
Housing
Glow-Wire Compliant
No
Overview
qf50
Product Name
QF-50™
Physical
Circuits (Loaded)
26
Color - Resin
Black
Durability (mating cycles max)
300
Entry Angle
90° Angle
Flammability
94V-0
Lock to Mating Part
None
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
Polyester
Number of Rows
2
PCB Retention
None
Packaging Type
Tray
Pitch - Mating Interface (in)
0.050 In
Pitch - Mating Interface (mm)
1.27 mm
Plating min: Mating (µin)
30.4
Plating min: Mating (µm)
0.76
Plating min: Termination (µin)
39
Plating min: Termination (µm)
1
Polarized to Mating Part
Yes
Shrouded
Fully
Stackable
No
Surface Mount Compatible (SMC)
N/A
Temperature Range - Operating
-25°C to +85°C
Termination Interface: Style
IDT or Pierce
Wire Insulation Diameter
1.14mm (.045") max.
Wire Size AWG
26, 28
Wire/Cable Type
Ribbon Cable
Electrical
Current - Maximum per Contact
1A
Voltage - Maximum
250V AC/DC
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
90635Series
Mates With
90663
Use With
90170
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Semi-Automatic
Bench Press
PB15 C/W Cable
Sensor for 90635
Connectors
0691271150
Changehead
for Parallel
0690080250


Similar Part No. - SDA-90635

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SDA-90635 MOLEX11-SDA-90635 Datasheet
231Kb / 4P
   1.27mm (.050") Pitch QF-50, Single Beam, Vertical MIL/DIN Version, 0.76um (30u") Gold (Au), 50 Circuits
SDA-90635 MOLEX11-SDA-90635 Datasheet
146Kb / 3P
   1.27mm (.050") Pitch QF-50, Single Beam, Female Housing, Gold (Au) Flash, 34 Circuits
SDA-90635 MOLEX11-SDA-90635 Datasheet
146Kb / 3P
   1.27mm (.050") Pitch QF-50, Single Beam, Female Housing, Gold (Au) Flash, 14 Circuits
SDA-90635 MOLEX11-SDA-90635 Datasheet
231Kb / 4P
   1.27mm (.050") Pitch QF-50, Single Beam, Vertical MIL/DIN Version, 0.38um (15u") Gold (Au), 24 Circuits
SDA-90635 MOLEX11-SDA-90635 Datasheet
153Kb / 3P
   1.27mm (.050") Pitch QF-50, Single Beam, Female Housing, 0.76um (30u") Gold (Au) Plating, 64 Circuits, Lead free
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com