Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD-501329-001 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # SD-501329-001
Description  3.30mm (.130") Pitch Wire-to-Wire Inertia Lock Plug Housing, Single Row, 2 Circuits, Red
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-501329-001 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  SD-501329-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-501329-001 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 06/02/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
5013290222
Status:
Active
Overview:
inertia_lock_330mm_wiretowire_system
Description:
3.30mm (.130") Pitch Wire-to-Wire Inertia Lock Plug Housing, Single Row, 2 Circuits,
Red
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-501328-001 (PDF)
General
Product Family
Crimp Housings
Series
501329
Overview
inertia_lock_330mm_wiretowire_system
Product Name
Inertia Lock
Physical
Circuits (maximum)
2
Color - Resin
Red
Gender
Male
Glow-Wire Compliant
No
Lock to Mating Part
Yes
Material - Resin
Nylon
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface (in)
0.130 In
Pitch - Mating Interface (mm)
3.30 mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-25°C to +80°C
Electrical
Current - Maximum per Contact
4A
Material Info
Reference - Drawing Numbers
Packaging Specification
SPK-501329-001
Product Specification
PS-501328-001, RPS-501328-001, RPS-501328-002,
RPS-501328-003
Sales Drawing
SD-501329-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
501329Series
Mates With
501328-0222 Receptacle Housing . 501395
Receptacle Terminalfor AWG#18-20 .
500989 Receptacle Terminal for
AWG#22-26
Use With
51348-0213 Retainer . 56265 Plug Terminal
for AWG#18- 20 . 56279 Plug Terminal for
AWG#22-26
This document was generated on 06/02/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - SD-501329-001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-501329-001 MOLEX11-SD-501329-001 Datasheet
109Kb / 2P
   3.30mm (.130") Pitch Wire-to-Wire Inertia Lock Plug Housing, Single Row, 2 Circuits, Blue
SD-501329-001 MOLEX11-SD-501329-001 Datasheet
109Kb / 2P
   3.30mm (.130") Pitch Wire-to-Wire Inertia Lock Plug Housing, Single Row, 2 Circuits, White
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com