Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD-501876-001 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # SD-501876-001
Description  2.00mm (.079") Pitch iGrid Wire-to-Board Header, Dual Row, Right Angle, 30 Circuits
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-501876-001 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  SD-501876-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-501876-001 Datasheet HTML 2Page - Molex Electronics Ltd. SD-501876-001 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
5018763040
Status:
Active
Overview:
igrid
Description:
2.00mm (.079") Pitch iGrid™ Wire-to-Board Header, Dual Row, Right Angle, 30 Circuits
Documents:
3D Model
Product Specification PS-501646-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
PCB Headers
Series
501876
Application
Wire-to-Board
Overview
igrid
Product Name
iGrid™
Physical
Breakaway
No
Circuits (Loaded)
30
Color - Resin
Natural
Durability (mating cycles max)
30
Glow-Wire Compliant
No
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Nylon
Number of Rows
2
Orientation
Right Angle
PC Tail Length (in)
0.126 In
PC Tail Length (mm)
3.20 mm
PCB Locator
No
PCB Retention
None
PCB Thickness Recommended (in)
0.047 In, 0.063 In
PCB Thickness Recommended (mm)
1.20 mm, 1.60 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.079 In
Pitch - Mating Interface (mm)
2.00 mm
Polarized to Mating Part
Yes
Polarized to PCB
No
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-25°C to +85°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
2A
Voltage - Maximum
250V AC (RMS)/DC
Material Info
Reference - Drawing Numbers
Packaging Specification
SPK-501876-001
Product Specification
PS-501646-001, RPS-501646-001, RPS-501646-002,
RPS-501646-003, RPS-501646-004, RPS-501646-005,
RPS-501646-006, RPS-501646-007
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
501876Series
Mates With
501646 Housing. 501647 Crimp Terminal
22-26 AWG. 501648 Crimp Terminal 26-28
AWG


Similar Part No. - SD-501876-001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-501876-001 MOLEX11-SD-501876-001 Datasheet
117Kb / 3P
   2.00mm (.079") Pitch iGrid Wire-to-Board Header, Dual Row, Right Angle, 12 Circuits
SD-501876-001 MOLEX11-SD-501876-001 Datasheet
117Kb / 3P
   2.00mm (.079") Pitch iGrid Wire-to-Board Header, Dual Row, Right Angle, 20 Circuits
SD-501876-001 MOLEX11-SD-501876-001 Datasheet
117Kb / 3P
   2.00mm (.079") Pitch iGrid Wire-to-Board Header, Dual Row, Right Angle, 26 Circuits
SD-501876-001 MOLEX11-SD-501876-001 Datasheet
117Kb / 3P
   2.00mm (.079") Pitch iGrid Wire-to-Board Header, Dual Row, Right Angle, 34 Circuits
SD-501876-001 MOLEX11-SD-501876-001 Datasheet
117Kb / 3P
   2.00mm (.079") Pitch iGrid Wire-to-Board Header, Dual Row, Right Angle, 28 Circuits
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com