Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD-91009-001 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # SD-91009-001
Description  Junction Box, ISO, Right Angle, Clinch, Gateway Pin, Direct Grounding, with Fuse
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-91009-001 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  SD-91009-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-91009-001 Datasheet HTML 2Page - Molex Electronics Ltd. SD-91009-001 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0910090016
Status:
Active
Overview:
junction_box_io_connectors
Description:
Junction Box, ISO, Right Angle, Clinch, Gateway Pin, Direct Grounding, with Fuse
Documents:
3D Model
Product Specification PS-99020-0076 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
PCB Headers
Series
91009
Application
Wire-to-Board
Comments
with Fuse|Clinch|Direct Grounding|Gateway Pin
Overview
junction_box_io_connectors
Product Name
Junction Box
Physical
Breakaway
No
Circuits (Loaded)
36
Circuits (maximum)
36
Circuits Detail
Spade 36
Color - Resin
Black
Durability (mating cycles max)
30
First Mate / Last Break
No
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Metal
Brass, Phosphor Bronze
Material - Plating Mating
Tin, Tin-Lead
Material - Plating Termination
Tin, Tin-Lead
Material - Resin
Nylon
Number of Rows
7
Orientation
Right Angle
PC Tail Length (in)
0.125 In
PC Tail Length (mm)
3.20 mm
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.148 In, 0.197 In
Pitch - Mating Interface (mm)
3.75 mm, 5.00 mm
Plating min: Mating (µin)
120
Plating min: Mating (µm)
3
Plating min: Termination (µin)
120
Plating min: Termination (µm)
3
Polarized to PCB
Yes
Shrouded
Fully
Stackable
No
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-40°C to +85°C
Termination Interface: Style
Through Hole
Electrical
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
91009Series


Similar Part No. - SD-91009-001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-91009-001 MOLEX11-SD-91009-001 Datasheet
130Kb / 3P
   Junction Box, ISO, Right Angle, Clinch, Gateway Pin, Direct Grounding, without Fuse
More results

Similar Description - SD-91009-001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0910091016 MOLEX11-0910091016 Datasheet
130Kb / 3P
   Junction Box, ISO, Right Angle, Clinch, Gateway Pin, Direct Grounding, without Fuse
0910090021 MOLEX11-0910090021 Datasheet
226Kb / 3P
   Junction Box, ISO, Right Angle, with Fuse
0910090022 MOLEX11-0910090022 Datasheet
226Kb / 3P
   Junction Box, ISO, Right Angle, without Fuse
0916160011 MOLEX11-0916160011 Datasheet
255Kb / 3P
   2.54mm (.100") Pitch Junction Box MOST, Vertical, 40 Circuits, with 10A Fuse
logo
VITALCONN ELECTRONICS H...
SC11C VITALCONN-SC11C Datasheet
492Kb / 3P
   SFP1*1 CAGE WITH GROUNDING PIN
SC11B VITALCONN-SC11B Datasheet
275Kb / 3P
   SFP1*1 CAGE WITH GROUNDING PIN
SC11D VITALCONN-SC11D Datasheet
502Kb / 3P
   SFP1*1 CAGE WITH GROUNDING PIN
logo
Advantech Co., Ltd.
WA-HUHMI ADVANTECH-WA-HUHMI Datasheet
314Kb / 2P
   Visualized Box HMI & Communication Gateway with WebAccess/HMI Runtime
13-Jul-2016
logo
Molex Electronics Ltd.
91616-0001 MOLEX-91616-0001 Datasheet
96Kb / 2P
   MOST Junction Box
logo
Glenair, Inc.
140-103 GLENAIR-140-103 Datasheet
342Kb / 2P
   Large Junction Box
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com